Electronic Components Datasheet Search
  English  ▼

X  

PA4220 Datasheet(PDF) 2 Page - Protek Devices

Part # PA4220
Description  Pop-Up and Shutdown Noise Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA4220 Datasheet(HTML) 2 Page - Protek Devices

  PA4220 Datasheet HTML 1Page - Protek Devices PA4220 Datasheet HTML 2Page - Protek Devices PA4220 Datasheet HTML 3Page - Protek Devices PA4220 Datasheet HTML 4Page - Protek Devices PA4220 Datasheet HTML 5Page - Protek Devices PA4220 Datasheet HTML 6Page - Protek Devices PA4220 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA4220
Pop-Up and Shutdown Noise Suppressor
95027.Rev 0.0 12/10 PATENT PENDING; CONFIDENTIAL; COVERED BY NON DISCLOSURE AGREEMENT.
NOT FOR USE IN LIFE SUPPORT SYSTEMS
ABSOLUTE MAXIMUM RATINGS
(All Voltages are referenced to GND)
VCC ........................................................................................+6V
Continuous Current (IN_, OUT_).....................................±150mA
Continuous Current (All Other Pins) .................................±20mA
Continuous Power Dissipation (TA = +70°C)
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS:
DC OPERATING CONDITIONS
Unless otherwise specified, VDD=5 ± 10%, TA = Ambient Temperature = 25 °C.
Limit
Symbol
Parameter
Condition
Min
Typical
Max
Unit
VDD
Power Supply
Normal Operation
2.3
5.0
V
IDD
Supply Current
Normal Operation
1
µA
TA
Ambient Temperature
Normal Operation
-40
85
ºC
VOH
Logic High O/P Voltage
IOH=100μA
VDD-0.1
V
VOL
Logic Low O/P Voltage
IOL=-100μA
0.2
V
VIH
Logic High I/P Voltage
IIH=1μA
VDD-0.3
V
VIL
Logic Low I/P Voltage
IIL=1μA
0.3
V
RON
Switch ON Resistance
VDD=5V
3
4
Ω
THD
Total Harmonic Distortion
RL = 32 Ω, 30mW, f = 1kHz
.020
%
VSIG
Analog Signal Range
Normal Operation
3.5
VRMS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com