Electronic Components Datasheet Search
  English  ▼

X  

PA4401 Datasheet(PDF) 4 Page - Protek Devices

Part # PA4401
Description  Click-Pop Suppression Device
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA4401 Datasheet(HTML) 4 Page - Protek Devices

  PA4401 Datasheet HTML 1Page - Protek Devices PA4401 Datasheet HTML 2Page - Protek Devices PA4401 Datasheet HTML 3Page - Protek Devices PA4401 Datasheet HTML 4Page - Protek Devices PA4401 Datasheet HTML 5Page - Protek Devices PA4401 Datasheet HTML 6Page - Protek Devices PA4401 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PA4401
Click-Pop Suppression Device
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175, Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 414-5141
www.protekanalog.com
95025. Rev.0. 05/2008
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Pre
Amp
+
+
Pre
Amp
IN
OUT
IN
OUT
VCC
CONNECTION DIAGRAM
The PA4401 will be placed after the pre-amplifier and before the output bypass capacitors.
Figure 4: Typical Connection Configuration for PA4401
STARTUP
At Startup, the Power supply ramps from 0V to VCC between 20 -200ms. The PA4401 detects the ramp in the voltage at its inputs
and controls the ramp rate of the DC bias voltage going to the +ve terminal of the bypass capacitor. The ramping behavior of the
device can be controlled by an external capacitor. This startup operation is shown in figure 5.
SHUTDOWN
At Shutdown, The PA4401 detects a “power fail” condition and the control switches are turned off, opening the connection
between INx and OUTx providing a discharge path through an internal 100KΩ resistor for the bypass capacitor. The time
constant of the internal resistor and by-pass capacitor, allows for a slow discharge, which will prevent any audible “pop”
appearing at the system output. This shutdown operation is shown in figure 5.
Figure 5: Power-Up and Power-Down sequences and waveforms with PA4401
t
t
VCC
VCC
0
0
<50mV
Start-up “pop”
time
mSec
50mS
50mS
<50mV
shutdown “pop”
PA4401 slows
down transition at
coupling capacitor
Power Supply Waveform
Bypass capacitor input plate
System output



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com