Electronic Components Datasheet Search
  English  ▼

X  

PA4684DN Datasheet(PDF) 2 Page - Protek Devices

Part # PA4684DN
Description  Dual SPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA4684DN Datasheet(HTML) 2 Page - Protek Devices

  PA4684DN Datasheet HTML 1Page - Protek Devices PA4684DN Datasheet HTML 2Page - Protek Devices PA4684DN Datasheet HTML 3Page - Protek Devices PA4684DN Datasheet HTML 4Page - Protek Devices PA4684DN Datasheet HTML 5Page - Protek Devices PA4684DN Datasheet HTML 6Page - Protek Devices PA4684DN Datasheet HTML 7Page - Protek Devices PA4684DN Datasheet HTML 8Page - Protek Devices PA4684DN Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175, Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
53
PA4684
Dual SPDT Analog Switch
95080 Rev2.08/09
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Absolute Maximum Ratings
(1)
Supply Voltage VCC
................................. –0.5V to +7V DC
Switch Voltage (VS)(2) .......–0.5V to VCC +0.5V DC Input
Voltage (VIN)(2) ............................ –0.5V to +7.0V
Continuous Current NO_NC_COM_ .................. ±500mA
Peak Current NO_NC_COM_
(pulsed at 1ms 50% duty cycle) ...........................±650mA
Peak Current NO_NC_COM_
(pulsed at 1ms 10% duty cycle) ...........................±800mA
Storage Temperature Range (TSTG) ....–65°C to +150°C
Junction Temperature under Bias (TJ) ..................150°C
Junction Lead Temperature (TL)
(Soldering, 10 seconds) ...........................................260°C
Power Dissipation (PD) @ +85°C .........................250mW
Recommended Operating Conditions
(3)
Supply Voltage Operating (VCC) . . . . . . . ..1.65V to 5.5V
Control Input Voltage (VIN) . . . . . . . . . . . . . . .0V to VCC
Switch Input Voltage (VIN) . . . . . . . . . . . . . . . .0V to VCC
Output Voltage (VOUT) . . . . . . . . . . . . . . . . . . 0V to VCC
Operating Temperature (TA) . . . . . . . . . . .–40°C to +85°C
Input Rise and Fall Time (tr,tf)
Control Input VCC = 2.3V - 3.6V. . . . 0ns/V to 10ns/V
Control Input VCC = 4.5V - 5.5V. . . . . . . 0ns/V to 5ns/V
Thermal Resistance (ΘJA) . . . . . . . . . . . ……. 350°C/W
Lead Temperature (soldering 10s) . . . . . . . . . . +300°C
Bump Temperature (soldering notes)
Infared (15s). . . . . . . . . . . . . . . . . . . . . . . . . . . +220°C
Vapor Phase (60ns) . . . . . . . . . . . . . . . . . . . . +215°C
Notes:
1.
"Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied.
2.
The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are observed.
3.
Control input must be held HIGH or LOW; it must not float.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com