Electronic Components Datasheet Search
  English  ▼

X  

PAM01SC7905C Datasheet(PDF) 1 Page - Protek Devices

Part # PAM01SC7905C
Description  ultra LOW CAPACITANCE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM01SC7905C Datasheet(HTML) 1 Page - Protek Devices

  PAM01SC7905C Datasheet HTML 1Page - Protek Devices PAM01SC7905C Datasheet HTML 2Page - Protek Devices PAM01SC7905C Datasheet HTML 3Page - Protek Devices PAM01SC7905C Datasheet HTML 4Page - Protek Devices PAM01SC7905C Datasheet HTML 5Page - Protek Devices PAM01SC7905C Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05345.R0 12/11
Page 1
PAM01SC7905C
ultRA lOW CAPACItANCE tVS ARRAY
DESCRIPtION
The PAM01SC7905C is an ultra low capacitance transient voltage suppressor array, designed to protect automotive
applications. This device is available in a bidirectional configuration and is rated for 200 Watts peak pulse power
(8/20µs).
The PAM01SC7905C meets IEC 61000-4-2 (ESD) and IEC 61000-4-4 (EFT) requirements. At higher operating frequen-
cies or faster edge rates, insertion loss and signal integrity are a major concern. This device offers a ultra low capaci-
tance and low leakage current in a miniature SC-79 package.
FEAtuRES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• 200 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Replacement for MLV (0803)
• Bidirectional Configuration
• Protects One Power or I/O Port
• Low Clamping Voltage
• Ultra Low Capacitance: 1.5pF (Typical)
• RoHS Compliant
• REACH Compliant
MEChANICAl ChARACtERIStICS
• Molded JEDEC SC-79 Package
• Approximate Weight: 2 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPlICAtIONS
• Automotive Applications
SC-79 PACkAgE
PIN CONFIguRAtION
1
2
1
2
UNIDIRECTIONAL
BIDIRECTIONAL


Similar Part No. - PAM01SC7905C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM01SC7905C PROTEC-PAM01SC7905C_12 Datasheet
449Kb / 6P
ultra LOW CAPACITANCE TVS ARRAY
More results

Similar Description - PAM01SC7905C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03 PROTEC-GBLC03 Datasheet
174Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
SLVU28-4 PROTEC-SLVU28-4 Datasheet
184Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497 Datasheet
111Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03 Datasheet
57Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_07 Datasheet
62Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-4 PROTEC-SLVU2.8-4_05 Datasheet
97Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
DL0521P PROTEC-DL0521P_11 Datasheet
569Kb / 6P
ultra LOW CAPACITANCE TVS ARRAY
PAM03SD2303CI PROTEC-PAM03SD2303CI_12 Datasheet
602Kb / 7P
ULTRA LOW CAPACITANCE TVS ARRAY
logo
FutureWafer Tech Co.,Lt...
FW0524LC-0.8PF FUTUREWAFER-FW0524LC-0.8PF Datasheet
1,017Kb / 5P
Ultra Low Capacitance TVS Array
logo
Protek Devices
GBLCXXCDSL PROTEC-GBLCXXCDSL Datasheet
522Kb / 7P
ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com