Electronic Components Datasheet Search
  English  ▼

X  

PAM06SC7905S Datasheet(PDF) 3 Page - Protek Devices

Part # PAM06SC7905S
Description  LOW CAPACITANCE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM06SC7905S Datasheet(HTML) 3 Page - Protek Devices

  PAM06SC7905S Datasheet HTML 1Page - Protek Devices PAM06SC7905S Datasheet HTML 2Page - Protek Devices PAM06SC7905S Datasheet HTML 3Page - Protek Devices PAM06SC7905S Datasheet HTML 4Page - Protek Devices PAM06SC7905S Datasheet HTML 5Page - Protek Devices PAM06SC7905S Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05351.R0 12/11
Page 3
PAM06SC7905S
TYPICAL DEVICE ChARACTERISTICS
FIguRE 1
PEAk PuLSE POWER VS PuLSE TIME
t
d - Pulse Duration - µs
10W, 10/1000µs
Waveform
0.1
1
10
100
1,000
10,000
100,000
1
10
100
1,000
FIguRE 2
PuLSE WAVEFORM
t
f
Peak Value I
PP
TEST
WAVEFORM
PARAMETERS
t
f = 10µs
t
d = 1000µs
t
d = t/(IPP/2)
e-t
0
1
2
3
t - Time - ms
0
50
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com