Electronic Components Datasheet Search
  English  ▼

X  

PLC01-6 Datasheet(PDF) 4 Page - Protek Devices

Part # PLC01-6
Description  HIGH POWERED MULTI-LINE LOW CAPACITANCE TVS ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLC01-6 Datasheet(HTML) 4 Page - Protek Devices

  PLC01-6 Datasheet HTML 1Page - Protek Devices PLC01-6 Datasheet HTML 2Page - Protek Devices PLC01-6 Datasheet HTML 3Page - Protek Devices PLC01-6 Datasheet HTML 4Page - Protek Devices PLC01-6 Datasheet HTML 5Page - Protek Devices PLC01-6 Datasheet HTML 6Page - Protek Devices PLC01-6 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05071.R8 1/11
Page 4
PLC01-6
SPiCe ModeL
FigURe 1
SPiCe ModeL
LCABD - Low Capacitance Avalanche Breakdown Diode (TVS)
LCRD: Low Capacitance Rectifier Diode
Lg - Lead Inductance
TaBLe 1 - SPiCe PaRaMeTeRS
PaRaMeTeR
UNiT
aBd(TVS)
LCRd
BV
V
8.0
200
IBV
µA
1
0.01
C
jo
pF
9000
50
I
S
A
1E-13
1E-15
Vj
V
0.6
0.6
M
-
0.33
0.33
N
-
1
1
R
S
Ohms
0.005
0.31
TT
s
1E-8
5E-9
EG
eV
1.11
1.11
ABD
Lg
0.7nH
LCRD
LCRD
I/O
ABD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com