Electronic Components Datasheet Search
  English  ▼

X  

PSMF05 Datasheet(PDF) 2 Page - Protek Devices

Part # PSMF05
Description  MULTI-LINE TVS ARRAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSMF05 Datasheet(HTML) 2 Page - Protek Devices

  PSMF05_11 Datasheet HTML 1Page - Protek Devices PSMF05_11 Datasheet HTML 2Page - Protek Devices PSMF05_11 Datasheet HTML 3Page - Protek Devices PSMF05_11 Datasheet HTML 4Page - Protek Devices PSMF05_11 Datasheet HTML 5Page - Protek Devices PSMF05_11 Datasheet HTML 6Page - Protek Devices PSMF05_11 Datasheet HTML 7Page - Protek Devices PSMF05_11 Datasheet HTML 8Page - Protek Devices PSMF05_11 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05123.R12 4/11
Page 2
PSMF05
TYPIcAL DEVIcE chARAcTERISTIcS
MAXIMUM RATINGS @ 25°c Unless otherwise Specified
PARAMETER
SYMBoL
VALUE
UNITS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
100
Watts
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Forward Voltage @ 1A, 8/20µs
V
F
1.5
Volts
FIGURE 1
PEAk PULSE PowER VS PULSE TIME
t
d - Pulse Duration - µs
100W, 8/20µs Waveform
0.1
1
10
100
1,000
10,000
10
100
1,000
10,000
ELEcTRIcAL chARAcTERISTIcS PER LINE @ 25°c Unless otherwise Specified
PART
NUMBER
DEVIcE
MARkING
RATED
STAND-oFF
VoLTAGE
V
wM
VoLTS
MINIMUM
BREAkDowN
VoLTAGE
(Note 1)
@ 1mA
V
(BR)
VoLTS
MAXIMUM
cLAMPING
VoLTAGE
(Fig. 2)
@ I
P = 1A
V
c
VoLTS
MAXIMUM
LEAkAGE
cURRENT
@V
wM
I
D
µA
MAXIMUM
cAPAcITANcE
@0V, 1Mhz
cj
pF
PSMF05
05
5.0
6.0
9.5
10
60
NoTES
1. Test between pins 1 to 2, 3 to 2, 4 to 2 and 5 to 2.
2. Contact factory for other voltages.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com