Electronic Components Datasheet Search
  English  ▼

X  

SMP6LC05-2P Datasheet(PDF) 6 Page - Protek Devices

Part # SMP6LC05-2P
Description  MULTI-LINE LOW CAPACTANCE TVS ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMP6LC05-2P Datasheet(HTML) 6 Page - Protek Devices

  SMP6LC05-2P Datasheet HTML 1Page - Protek Devices SMP6LC05-2P Datasheet HTML 2Page - Protek Devices SMP6LC05-2P Datasheet HTML 3Page - Protek Devices SMP6LC05-2P Datasheet HTML 4Page - Protek Devices SMP6LC05-2P Datasheet HTML 5Page - Protek Devices SMP6LC05-2P Datasheet HTML 6Page - Protek Devices SMP6LC05-2P Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05088.R10 9/11
Page 6
SMP6LC05-2P - SMP6LC24-2P
TaPE aND REEL
oRDERING INFoRMaTIoN
BaSE PaRT NUMBER
(xx = Voltage)
LEaDFREE SUFFIX
TaPE SUFFIX
QTY/REEL
REEL SIZE
TUBE QTY
SMP6LCxx-2P
-LF
-T7
1,000
7”
48
SMP6LCxx-2P
-LF
-T13
2,500
13”
48
SPECIFICaTIoNS
REEL DIa.
TaPE
wIDTh
a0
B0
k0
D
E
F
w
P0
P2
P
tmax
178mm (7”)
16mm 6.50 ± 0.10 10.30 ± 0.10 2.10 ± 0.10 1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 16.00 ± 0.30 4.00 ± 0.12 2.00 ± 0.10 4.00 ± 0.10
0.25
NoTES
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T7 = 7” Reel - 1,000 pieces per 16mm tape.
4. Suffix - T13 = 13” Reel - 2,500 pieces per 16mm tape.
5. Bulk product shipped in tubes of 48 pieces per tube.
6. Marking on Part - part number, date code, logo and pin one defined by dot on top of package.
Package outline per document number 06007.R3 1/11.
User Direction of Feed
t
K0
A0
P
D
P0
P2
E
B0
F
W
10 Pitches Cumulative
Tolerance on tape ± 0.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com