Electronic Components Datasheet Search
  English  ▼

X  

SMS05 Datasheet(PDF) 1 Page - Protek Devices

Part # SMS05
Description  MULTI-LINE TVS ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMS05 Datasheet(HTML) 1 Page - Protek Devices

  SMS05 Datasheet HTML 1Page - Protek Devices SMS05 Datasheet HTML 2Page - Protek Devices SMS05 Datasheet HTML 3Page - Protek Devices SMS05 Datasheet HTML 4Page - Protek Devices SMS05 Datasheet HTML 5Page - Protek Devices SMS05 Datasheet HTML 6Page - Protek Devices SMS05 Datasheet HTML 7Page - Protek Devices SMS05 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05132.R7 2/11
Page 1
SMS05 - SMS24C
MULTI-LINE TVS ARRAY
DESCRIPTIoN
The SMSxx and SMSxxC series are subminiature monolithic TVS suppressor arrays designed for the protection of sensi-
tive IC components from the damaging effects of Electrostatic Discharge (ESD). This series is ideally suited for use in
portable electronics such as SMART phones, laptops, and other wireless devices.
The SMSxx and SMSxxC series is usable on I/O ports where the signal voltage is positive. These devices will also
provide protection in accordance with IEC 61000-4-2 and IEC 61000-4-4 requirements. This series is available in a SOT-
23-6 package configuration and is rated at 350 Watts peak pulse power (8/20µs) per line.
FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 12A, 8/20µs - Level 1(Line-
Gnd) & Level 2(Line-Line)
• 350 Watts Peak Pulse Power per Line(tp = 8/20µs)
• Monolithic Design
• Protects 4 Lines
• Unidirectional & Bidirectional Configurations
• ESD Protection > 25 kilovolts
• Low Clamping Voltage
• Low Leakage Current
• Avaiable in Multiple Voltages
• RoHS Compliant
• REACH Compliant
MEChANICAL ChARACTERISTICS
• Molded JEDEC SOT-23-6 Package
• Approximate Weight: 16 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• Flammability Rating UL 94V-0
• 8mm Tape and Reel per EIA Standard 481
APPLICATIoNS
• SMART Phones
• Portable Electronics
• FireWire, Ethernet and USB Interfaces
PIN CoNFIGURATIoNS
SoT-23-6 PACkAGE
1
6
5
2
3
4
1
6
5
2
3
4
UNIDIRECTIONAL
BIDIRECTIONAL


Similar Part No. - SMS05

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMS05 SEMTECH-SMS05 Datasheet
161Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection???
logo
Microsemi Corporation
SMS05 MICROSEMI-SMS05 Datasheet
227Kb / 2P
4 LINE UNIDIRECTIONAL TVSarray
logo
Semtech Corporation
SMS05 SEMTECH-SMS05 Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
logo
Protek Devices
SMS05 PROTEC-SMS05 Datasheet
710Kb / 8P
MULTI-LINE TVS ARRAY
logo
Shanghai Leiditech Elec...
SMS05 LEIDITECH-SMS05 Datasheet
161Kb / 3P
Low clamping voltage
More results

Similar Description - SMS05

ManufacturerPart #DatasheetDescription
logo
Protek Devices
CP05 PROTEC-CP05_11 Datasheet
705Kb / 8P
MULTI-LINE TVS ARRAY
MSMF05 PROTEC-MSMF05_11 Datasheet
518Kb / 6P
MULTI-LINE TVS ARRAY
MSMF05C PROTEC-MSMF05C_11 Datasheet
540Kb / 6P
MULTI-LINE TVS ARRAY
PAM20ST6305 PROTEC-PAM20ST6305 Datasheet
565Kb / 6P
MULTI-LINE TVS ARRAY
PSMS05 PROTEC-PSMS05_11 Datasheet
710Kb / 8P
MULTI-LINE TVS ARRAY
SMF05C PROTEC-SMF05C_11 Datasheet
672Kb / 7P
MULTI-LINE TVS ARRAY
CP05 PROTEC-CP05_12 Datasheet
710Kb / 8P
MULTI-LINE TVS ARRAY
MSMF05 PROTEC-MSMF05_12 Datasheet
541Kb / 6P
MULTI-LINE TVS ARRAY
PSMS05 PROTEC-PSMS05_12 Datasheet
711Kb / 8P
MULTI-LINE TVS ARRAY
SMS05 PROTEC-SMS05_12 Datasheet
710Kb / 8P
MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com