Electronic Components Datasheet Search
  English  ▼

X  

LPV-35 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # LPV-35
Description  35W Single Output Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPV-35 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  LPV-35 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPV-35 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
LPV-35-5
LPV-35-12
LPV-35-15
LPV-35-24
LPV-35-36
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
Note.6
HOLDUP TIME(Typ.)
VOLTAGERANGE
Note.4
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
5V
12V
15V
24V
36V
5A
3A
2.4A
1.5A
1A
0~6A (Note.7)
0~3A
0~2.4A
0~1.5A
0~1A
30W
36W
36W
36W
36W
80mVp-p
120mVp-p
5.0%
120mVp-p
150mVp-p
150mVp-p
6.0%
1.0%
4.0%
500ms,20ms/230VAC5
atfullload
00ms,20ms/115VAC
90~264VAC
127~370VDC
47~63Hz
77%
84%
2.0%
84%
85%
85%
5.75~6.75V
13.8~16.2V
17.25~20.25V
27.6~32.4V
41.4~48.6V
1.1A/115VAC0.7A/230VAC
COLDSTART 30A/115VAC60A/230VAC
0.25mA /240VAC
110~150%ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2Class A,EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,lightindustrylevel,criteria A
-30~+75
(Referto"DeratingCurve")
20~90%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
UL1310,CAN/CSA C22.2No.223-M91,IP67approved;designreferto TUVEN60950-1
743.5Khrsmin.MIL-HDBK-217F(25
)
148*40*30mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltage. Please check the static characteristics for more details.
5. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
6. Length of set up time is measured at first cold start. Turning ON/OFF the power supply may lead to increase of the set up time.
7. LPV-35-5 can provide 6A of output current continuously. Based on the requirement of UL1310 class 2, the output current is only certified up to 5A for
the test report of LPV-35-5.
8. The unit might not be suitable for lighting applications in EU countries. Please check with your local authorities for the possible use of the unit.
9. Suitable for indoor use or outdoor use without direct sunlight exposure. Please avoid immerse in the water over 30 minute.
0.34Kg;40pcs/14.6Kg/0.63CUFT
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
35WSingleOutputSwitchingPowerSupply
Features :
L P V- 3 5 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
50ms/230VAC16ms/115VACatfullload
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVAC
I/P-O/P:>100MOhms/500VDC/25
/70%RH
FileName:LPV-35-SPEC 2012-03-20
Constant voltage design
Universal AC input / Full range
Withstand 300VAC surge input for 5 seconds
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
Fully encapsulated with IP67 level
Class 2 power unit
ass LPS
Suitable for LED lighting and moving sign applications
100% full load burn-in test
Low cost, high reliability
2 years warranty
(Note.9)
Fully isolated plastic case
Class
power unit, no FG
P
(Note.8)
IP67
LPS
EMCIMMUNITY
EMCEMISSION


Similar Part No. - LPV-35

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPV-35 MEANWELL-LPV-35 Datasheet
104Kb / 2P
35W Single Output Switching Power Supply
LPV-35 MEANWELL-LPV-35 Datasheet
164Kb / 2P
35W Single Output Switching Power Supply
LPV-35 MEANWELL-LPV-35 Datasheet
164Kb / 2P
35W Single Output Switching Power Supply
LPV-35-12 MEANWELL-LPV-35-12 Datasheet
104Kb / 2P
35W Single Output Switching Power Supply
LPV-35-12 MEANWELL-LPV-35-12 Datasheet
164Kb / 2P
35W Single Output Switching Power Supply
More results

Similar Description - LPV-35

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-35 ASTRODYNE-RS-35 Datasheet
448Kb / 2P
35W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
NES-35 MEANWELL-NES-35 Datasheet
221Kb / 2P
35W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-35 RSG-RS-35 Datasheet
149Kb / 2P
35W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-35 MEANWELL-PS-35_11 Datasheet
292Kb / 2P
35W Single Output Switching Power Supply
APV-35 MEANWELL-APV-35_12 Datasheet
686Kb / 2P
35W Single Output Switching Power Supply
APC-35 MEANWELL-APC-35_12 Datasheet
647Kb / 2P
35W Single Output Switching Power Supply
SCP-35 MEANWELL-SCP-35_12 Datasheet
850Kb / 3P
35W Single Output Switching Power Supply
RS-35 MEANWELL-RS-35_11 Datasheet
379Kb / 2P
35W Single Output Switching Power Supply
EPS-35 MEANWELL-EPS-35 Datasheet
195Kb / 2P
35W Single Output Switching Power Supply
logo
Astrodyne Corporation
RS35 ASTRODYNE-RS35 Datasheet
294Kb / 4P
35W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com