Electronic Components Datasheet Search
  English  ▼

X  

BUZ12AL Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # BUZ12AL
Description  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ12AL Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  BUZ12AL Datasheet HTML 1Page - Siemens Semiconductor Group BUZ12AL Datasheet HTML 2Page - Siemens Semiconductor Group BUZ12AL Datasheet HTML 3Page - Siemens Semiconductor Group BUZ12AL Datasheet HTML 4Page - Siemens Semiconductor Group BUZ12AL Datasheet HTML 5Page - Siemens Semiconductor Group BUZ12AL Datasheet HTML 6Page - Siemens Semiconductor Group BUZ12AL Datasheet HTML 7Page - Siemens Semiconductor Group BUZ12AL Datasheet HTML 8Page - Siemens Semiconductor Group BUZ12AL Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Semiconductor Group
8
07/96
BUZ 12 AL
Not for new design
Avalanche energy
E
AS = ƒ(Tj)
parameter:
ID = 42 A, VDD = 25 V
RGS = 25 Ω, L = 23.2 µH
20
40
60
80
100
120
°C
160
T
j
0
5
10
15
20
25
30
35
mJ
45
E
AS
Typ. gate charge
VGS = ƒ(QGate)
parameter:
ID puls = 63 A
0
20
40
60
80
nC
120
Q
Gate
0
2
4
6
8
10
12
V
16
V
GS
DS max
V
0,8
DS max
V
0,2
Drain-source breakdown voltage
V
(BR)DSS = ƒ(Tj)
-60
-20
20
60
100
°C
160
T
j
45
46
47
48
49
50
51
52
53
54
55
56
57
V
60
V
(BR)DSS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com