Electronic Components Datasheet Search
  English  ▼

X  

PCF2111CT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF2111CT
Description  LCD drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2111CT Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF2111CT Datasheet HTML 1Page - NXP Semiconductors PCF2111CT Datasheet HTML 2Page - NXP Semiconductors PCF2111CT Datasheet HTML 3Page - NXP Semiconductors PCF2111CT Datasheet HTML 4Page - NXP Semiconductors PCF2111CT Datasheet HTML 5Page - NXP Semiconductors PCF2111CT Datasheet HTML 6Page - NXP Semiconductors PCF2111CT Datasheet HTML 7Page - NXP Semiconductors PCF2111CT Datasheet HTML 8Page - NXP Semiconductors PCF2111CT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1997 Mar 28
3
Philips Semiconductors
Product specification
LCD drivers
PCF21xxC family
1
FEATURES
• Supply voltage 2.25 to 6.0 V
• Low current consumption
• Serial data input
• CBUS control
• One-point built-in oscillator
• Stand-alone or expanded system
• Power-on reset clear
• LCD segments
– 40 (PCF2100C)
– 64 (PCF2111C)
– 32 (PCF2112C)
• Multiplex rate
– 1 : 2 (PCF2100C)
– 1 : 2 (PCF2111C)
– 1 : 1 (PCF2112C)
• Word length
– 22 bits (PCF2100C)
– 34 bits (PCF2111C)
– 34 bits (PCF2112C).
2
GENERAL DESCRIPTION
The PCF21xxC family are single-chip, silicon gate CMOS
LCD driver circuits. A 3-line bus (CBUS) structure enables
serial data transfer with microcontrollers. All inputs are
CMOS/NMOS compatible.
The devices have the same function and performance as
those of the PCF21xx family, which they supersede.
The maximum operating voltage required is reduced from
6.5 to 6.0 V.
3
QUICK REFERENCE DATA
4
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
2.25
−
6.0
V
IDD1
supply current 1
outputs open; CBUS inactive
−
20
50
µA
IDD2
supply current 2
outputs open; CBUS inactive;
Tamb =25 °C
−
20
30
µA
PO
power dissipation per output
−−
100
mW
Tamb
operating ambient temperature
−40
−
+85
°C
Tstg
storage temperature
−65
−
+150
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF2100CP
DIP28
plastic dual in-line package; 28 leads (600 mil)
SOT117-1
PCF2100CT
SO28
plastic small outline package; 28 leads; body width 7.5 mm
SOT136-1
PCF2111CP
DIP40
plastic dual in-line package; 40 leads (600 mil)
SOT129-1
PCF2111CT
VSO40
plastic very small outline package; 40 leads
SOT158-1
PCF2112CP
DIP40
plastic dual in-line package; 40 leads (600 mil)
SOT129-1
PCF2112CT
VSO40
plastic very small outline package; 40 leads
SOT158-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com