Electronic Components Datasheet Search
  English  ▼

X  

LB1862MC Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1862MC
Description  Monolithic Digital IC For Fan Motor Single-Phase Full-Wave Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1862MC Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1862MC Datasheet HTML 1Page - Sanyo Semicon Device LB1862MC Datasheet HTML 2Page - Sanyo Semicon Device LB1862MC Datasheet HTML 3Page - Sanyo Semicon Device LB1862MC Datasheet HTML 4Page - Sanyo Semicon Device LB1862MC Datasheet HTML 5Page - Sanyo Semicon Device LB1862MC Datasheet HTML 6Page - Sanyo Semicon Device LB1862MC Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
31412 SY 20120127-S00004 No.A2024-1/7
LB1862MC
Overview
Single-phase full-wave drive design and a compact package make these ICs optimal for small fans (especially CPU
cooling fans). Low switching noise and effective motor drive are further advantages.
Functions
• Support for 5V/12V dual power supply voltage
• Built-in regenerative circuit allows use of reverse connection protection diode
• Built-in Hall amplifier with hysteresis (supports core without auxiliary electrode)
• Built-in lockup protection and automatic recovery circuits
• Latch-type lockup detection output (RD) is Low during rotation and High during stop
• Hall bias pin and start/stop pin allow reduced current drain in standby mode
• Built-in thermal protection circuit
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
17
V
Maximum output current
IOUT max
0.5
A
Maximum output withstand voltage
VOUT max
17
V
RD maximum output withstand voltage
VRD max
17
V
RD maximum output current
IRD max
5mA
HB maximum output current
IB max
10
mA
ST maximum input voltage
VST max
15
V
Allowable power dissipation
Pd max
Mounted on a specified board *
850
mW
Operating temperature
Topr
-30 to +90
°C
Storage temperature
Tstg
-55 to +150
°C
* Specified board: 114.3mm
× 76.2mm × 1.5mm, glass epoxy board.
Caution 1) Absolute maximum ratings represent the value which cannot be exceeded for any length of time.
Caution 2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current, high
voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details.
Monolithic Digital IC
For Fan Motor
Single-Phase Full-Wave Driver
Ordering number : ENA2024


Similar Part No. - LB1862MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB1862MC ONSEMI-LB1862MC Datasheet
97Kb / 7P
Single-Phase Full-Wave Driver
May, 2013
LB1862MC-AH ONSEMI-LB1862MC-AH Datasheet
97Kb / 7P
Single-Phase Full-Wave Driver
May, 2013
More results

Similar Description - LB1862MC

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6908F ROHM-BA6908F Datasheet
101Kb / 8P
Single-phase full-wave motor driver for fan motor
logo
LSI Computer Systems
BA6428F LSI-BA6428F Datasheet
263Kb / 2P
Single phase full-wave driver IC for fan motor
logo
Rohm
BD6709FS ROHM-BD6709FS Datasheet
241Kb / 6P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Sanyo Semicon Device
LA6581CL SANYO-LA6581CL Datasheet
66Kb / 5P
Monolithic Linear IC Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6587T SANYO-LA6587T Datasheet
64Kb / 5P
Monolithic Linear IC Fan Motor Driver BTL Driver Single-Phase Full-Wave
LB11867FV SANYO-LB11867FV Datasheet
91Kb / 9P
Monolithic Digital IC For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
LB11970FV SANYO-LB11970FV Datasheet
70Kb / 7P
Monolithic Digital IC For Fan Motor Single-phase Full-wave Driver
LB11868V SANYO-LB11868V Datasheet
264Kb / 11P
Monolithic Digital IC For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
LA6583MC SANYO-LA6583MC Datasheet
89Kb / 5P
Monolithic Linear IC Fan Motor Driver BTL Driver Single-Phase Full-Wave
logo
ARTSCHIP ELECTRONICS CO...
LB11961 ARTSCHIP-LB11961 Datasheet
111Kb / 6P
Monolithic Digital IC LB11961-Single-Phase Full-Wave Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com