Electronic Components Datasheet Search
  English  ▼

X  

TF408 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # TF408
Description  N-Channel Silicon Junction FET Low-Frequency General-Purpose Amplifi er, Impedance Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TF408 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  TF408 Datasheet HTML 1Page - Sanyo Semicon Device TF408 Datasheet HTML 2Page - Sanyo Semicon Device TF408 Datasheet HTML 3Page - Sanyo Semicon Device TF408 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TF408
No. A2008-2/4
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Gate-to-Drain Breakdown Voltage
V(BR)GDS
IG=--10μA, VDS=0V
--30
V
Gate-to-Source Leakage Current
IGSS
VGS=--20V, VDS=0V
--1.0
nA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1μA
--0.18
--0.60
--1.5
V
Drain Current
IDSS
VDS=10V, VGS=0V
0.6*
3.0*
mA
Forward Transfer Admittance
| yfs |
VDS=10V, VGS=0V, f=1kHz
3.0
5.0
mS
Input Capacitance
Ciss
VDS=10V, VGS=0V, f=1MHz
4pF
Reverse Transfer Capacitance
Crss
1.1
pF
* : The TF408 is classified by IDSS as follows : (unit : mA)
Rank
2
3
IDSS
0.6 to 1.5
1.2 to 3.0
ID -- VDS
ID -- VDS
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
| yfs | -- IDSS
Drain Current, IDSS -- mA
ID -- VGS
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V
VGS(off) -- IDSS
Drain Current, IDSS -- mA
IT16770
012345
0
1.0
0.5
1.5
2.0
2.5
3.0
VGS=0V
--0.2V
--0.3V
--0.4V
VGS=0V
--0.1V
--0.2V
IT16771
0
5
10
15
20
25
30
0
1.0
2.0
1.5
0.5
2.5
3.0
--0.1V
--0.3V
--0.4V
IT16772
IT16773
--1.0
--0.8
--0.6
--0.4
--0.2
0
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
1.0mA
--1.0
--0.8
--0.6
--0.4
--0.2
0
0
2.5
2.0
1.5
0.5
1.0
3.0
3.5
--25
°C
VDS=10V
25
°C
Ta=75
°C
VDS=10V
IT16774
0
3.5
1.5
1.0
0.5
2.0
2.5
3.0
--0.4
--0.2
--1.2
0
--1.4
--0.8
--0.6
--1.0
VDS=10V
ID=1.0μA
IT16775
0.5
1.0
1.5
2.0
3.0
0
2.5
3.5
7
0
5
6
2
1
3
4
VDS=10V
VGS=0V
f=1kHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com