Electronic Components Datasheet Search
  English  ▼

X  

WS3215 Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3215
Description  40V/1.5AStep-down High Brightness LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3215 Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3215 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3215 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3215 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3215 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3215 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3215 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3215 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3215 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3215 Datasheet HTML 9Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
Rev.1.0 July.2011
WS
WS
WS
WS3
3
3
32
2
2
215
15
15
15
Features
Features
Features
Features
■
Simple low parts count
■
Wide input voltage range:8V to 40V
■
Up to 1.5A output current
■
Output current limit protection
■
Over temperature protection
■
Single pin on/off and brightness control using DC
Voltage or PWM
■
Typical 5% output current accuracy
■
Inherent open-circuit LED protection
■
High efficiency (up to 97% )
■
Adjustable LED constant current
Applications
Applications
Applications
Applications
■
MR16 LEDs
■
Automotive lighting
■
Low Voltage industrial lighting
■
illuminated signs
Typical
Typical
Typical
Typical Application
Application
Application
Application Circuit
Circuit
Circuit
Circuit
Description
Description
Description
Description
The WS3215 is a continuous conduction mode inductive
step-down
converter.designed
for
driving
single
or
multiple series LED efficiently from a voltage source
higher than the total LED chain voltage. The device
operates from an input supply between 8V and 30V and
provides an external adjustable output current of up to
1.5A.Depending
upon
supply
voltage
and
external
components, the WS3215 can provide more than 10 watts
of output power. The WS3215 includes the power switch
and a high-side output current sensing circuit .which uses
an external resistor to set the nominal average output
current, and a dedicated DIM input accepts either a DC
voltage or a wide range of pulsed dimming. Applying a
voltage of 0.3V or lower to the DIM pin turns the output off
and switches the device into a low current standby state.
WS3215 using SOT89-5 package .
40V/1.5A
40V/1.5A
40V/1.5A
40V/1.5A Step-down
Step-down
Step-down
Step-down High
High
High
High Brightness
Brightness
Brightness
Brightness LED
LED
LED
LED Driver
Driver
Driver
Driver


Similar Part No. - WS3215

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WS3210 WILLSEMI-WS3210 Datasheet
904Kb / 9P
Over-Voltage Protection Load Switch
WS3210C-9/TR WILLSEMI-WS3210C-9/TR Datasheet
904Kb / 9P
Over-Voltage Protection Load Switch
WS3210C62 WILLSEMI-WS3210C62 Datasheet
764Kb / 8P
Over-Voltage Protection Load Switch
WS3210C62-9/TR WILLSEMI-WS3210C62-9/TR Datasheet
764Kb / 8P
Over-Voltage Protection Load Switch
WS3210C68 WILLSEMI-WS3210C68 Datasheet
732Kb / 8P
Over-Voltage Protection Load Switch
More results

Similar Description - WS3215

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6903 PTC-PT6903 Datasheet
233Kb / 4P
High Brightness LED Driver
PT6905 PTC-PT6905 Datasheet
358Kb / 4P
High Brightness LED Driver
PT6903 PTC-PT6903_10 Datasheet
233Kb / 4P
High Brightness LED Driver
logo
Taiwan Semiconductor Co...
TS19376 TSC-TS19376 Datasheet
152Kb / 8P
1A Step-down High Brightness LED Driver
logo
Bruckewell Technology L...
BW9910 BWTECH-BW9910 Datasheet
1Mb / 14P
High Brightness LED Driver
logo
Exar Corporation
XRP7613IDBTR-F EXAR-XRP7613IDBTR-F Datasheet
1Mb / 14P
1.2A 36V Step Down High Brightness LED Driver
logo
Diodes Incorporated
AL8843 DIODES-AL8843 Datasheet
565Kb / 18P
40V 3A STEP-DOWN LED DRIVER
Rev 1
logo
Maxic Technology Corpor...
MT7210 MAXIC-MT7210 Datasheet
137Kb / 1P
400V Step-down high brightness LED driver
logo
Shenzhen Huazhimei Semi...
HM4115 HMSEMI-HM4115 Datasheet
478Kb / 7P
1A, Step-down High Brightness LED Driver
HM4151 HMSEMI-HM4151 Datasheet
1Mb / 9P
55V step-down, high brightness LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com