Electronic Components Datasheet Search
  English  ▼

X  

WDF8S60P Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WDF8S60P
Description  8A, 600V Ultrafast Single Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WDF8S60P Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WDF8S60P Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WDF8S60P Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WDF8S60P Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WDF8S60P Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WD
WD
WD
WDF
F
F
F8S60P
8S60P
8S60P
8S60P
S
S
S
Sy
y
y
ymbol
mbol
mbol
mbol
Parameter
Parameter
Parameter
Parameter
V
V
V
Va
a
a
alue
lue
lue
lue
Units
Units
Units
Units
VRRM
Peak Repetitive Reverse Voltage
600
V
IF(AV)
Average Forward Current
Square wave, duty=1/2,Tc=115℃
8
A
IFM
Repetitive Peak Forward Current
Square wave, 20kHz,Tc=115℃
16
A
IFSM
No-Repetitive Peak Surge Current
110
A
PD
Power Dissipation
20
W
TSTG,TJ
Operating Junction Temperature & Storage Temperature
-40 to 150
℃
Torque
Module-to-Sink , Recommended(M3)
1.1
N.m
S
S
S
Sy
y
y
ymbol
mbol
mbol
mbol
Parameter
Parameter
Parameter
Parameter
T
T
T
Te
e
e
est
st
st
st Conditions
Conditions
Conditions
Conditions
V
V
V
Va
a
a
alue
lue
lue
lue
Units
Units
Units
Units
Min
Min
Min
Min
T
T
T
Ty
y
y
yp
p
p
p
Max
Max
Max
Max
VF
Forward Voltage Drop
IF=8A
-
1.8
2.1
V
IF=16A,Tc=125℃
-
1.4
-
V
IRRM
Reverse Current
VR=600V
-
-
15
µA
VR=600V,Tc=125℃
-
-
250
µA
trr
Reverse Recovery Time
IF=1.0A,VR=30V,dIF/dt=50A/µs
-
17
-
ns
IF=8.0A,VR=300V,
-
30
-
Rth(J-C)
Thermal Resistance
-
-
2.5
℃/W
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
8A,
8A,
8A,
8A, 600V
600V
600V
600V Ultrafast
Ultrafast
Ultrafast
Ultrafast Single
Single
Single
Single Diode
Diode
Diode
Diode
Features
Features
Features
Features
■ Ultrafast recovery time t
rr<23ns
■ Low forward voltage drop
■ Low leakage current
■ High reliability by planer design
■ Maximum Junction Temperature Range(150℃)
General
General
General
General Description
Description
Description
Description
Winsemi’s FRD.. series are the state of the are Ultra fast
recovery
rectifiers
specifically
designed
with
optimized
performance of forward voltage drop and ultra fast recovery time
The planar structure and the platinum doped life time control,
guarantee
the
best
overall
performance,
ruggedness
and
reliability characteristics.
Appl
Appl
Appl
Appliiiications
cations
cations
cations
·
Freewheeling, Snubber, Clamp
·
Inversion Welder
·
PFC
·
Plating Power Supply
·
Ultrasonic Cleaner and Welder
·
Converter & Chopper
·
UPS
Absolute
Absolute
Absolute
Absolute Maximum
Maximum
Maximum
Maximum Ratings
Ratings
Ratings
Ratings
Electrical
Electrical
Electrical
Electrical Characte
Characte
Characte
Characterrrristics
istics
istics
istics (T
C=25℃ unless otherwise noted)
Rev.A Sep.2010


Similar Part No. - WDF8S60P

ManufacturerPart #DatasheetDescription
logo
Dubilier
WDF DUBILIER-WDF Datasheet
359Kb / 6P
CERAMIC DISC
logo
Whirlpool.
WDF110PAB WHIRLPOOL-WDF110PAB Datasheet
1Mb / 9P
Undercounter Dishwasher
11/25
WDF111PAB WHIRLPOOL-WDF111PAB Datasheet
1Mb / 9P
Undercounter Dishwasher
11/25
WDF120PAF WHIRLPOOL-WDF120PAF Datasheet
1Mb / 9P
Undercounter Dishwasher
11/25
WDF121PAF WHIRLPOOL-WDF121PAF Datasheet
1Mb / 9P
Undercounter Dishwasher
11/25
More results

Similar Description - WDF8S60P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MUR840 FAIRCHILD-MUR840 Datasheet
77Kb / 5P
8A, 400V - 600V Ultrafast Diodes
logo
Intersil Corporation
MUR840 INTERSIL-MUR840 Datasheet
49Kb / 4P
8A, 400V - 600V Ultrafast Diodes
January 2000
RURD840 INTERSIL-RURD840 Datasheet
49Kb / 4P
8A, 400V - 600V Ultrafast Diodes
January 2000
logo
KODENSHI_AUK CORP.
SF8A600H KODENSHI-SF8A600H Datasheet
285Kb / 5P
600V, 8A ULTRAFAST RECOVERY RECTIFIERS
logo
Shenzhen Winsemi Microe...
WDP8S60P WINSEMI-WDP8S60P Datasheet
378Kb / 4P
8A, 600V Ultrafast Single Diode
WDP8S60H WINSEMI-WDP8S60H Datasheet
378Kb / 4P
8A, 600V Ultrafast Single Diode
WDP8S60 WINSEMI-WDP8S60 Datasheet
374Kb / 4P
8A, 600V Ultrafast Single Diode
WDP8S20 WINSEMI-WDP8S20 Datasheet
422Kb / 5P
8A,200V Ultrafast Single Diode
SDP08S60 WINSEMI-SDP08S60 Datasheet
380Kb / 4P
8A,600V Ultrafast Single Diode
logo
KODENSHI_AUK CORP.
SF8A600H-1 KODENSHI-SF8A600H-1 Datasheet
285Kb / 5P
600V, 8A ULTRAFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com