Electronic Components Datasheet Search
  English  ▼

X  

KDP610UL Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDP610UL
Description  SILICON EPITAXIAL PIN TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDP610UL Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDP610UL Datasheet HTML 1Page - KEC(Korea Electronics) KDP610UL Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2008. 1. 22
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDP610UL
SILICON EPITAXIAL PIN TYPE DIODE
Revision No : 0
For antenna switches in mobile applications.
FEATURES
Array type (4 Diode in one package)
Low Capacitance
Low Series resistance
MAXIMUM RATING (Ta=25
)
ULP-8
MILLIMETERS
C
G
A
D
E
F
A
B
DIM
TOP VIEW
SIDE VIEW
BOTTOM VIEW
C
85
14
D
1.80
0.05
+
_
1.20
0.05
+
_
0.20
0.05
+
_
0.40
0.05
+
_
0.25
0.05
+
_
0.45
0.05
+
_
Max 0.5
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Reverse Voltage
VR
30
V
Forward Current
IF
100
mA
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Current
IR
VR=30V
-
-
0.1
A
Forward Voltage
VF
IF=10mA
-
-
1.0
V
Total Capacitance
CT
VR=1V, f=1MHz
-
-
0.30
pF
Series Resistance
rs
IF=10mA, f=100MHz
-
-
1.3
ESD-Capability *
-
C=200pF, R=0
,
Both forward and reverse
direction 1 pulse
100
-
-
* Failure cirterion : IR>100nA at VR=30V.
TENTATIVE


Similar Part No. - KDP610UL

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDP610UL KEC-KDP610UL_15 Datasheet
511Kb / 2P
SILICON EPITAXIAL PIN TYPE DIODE
More results

Similar Description - KDP610UL

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDV175E KEC-KDV175E Datasheet
295Kb / 2P
SILICON EPITAXIAL PIN TYPE DIODE
KDP629UL KEC-KDP629UL Datasheet
35Kb / 2P
SILICON EPITAXIAL PIN TYPE DIODE
KDV142E KEC-KDV142E Datasheet
34Kb / 2P
SILICON EPITAXIAL PIN TYPE DIODE
KDV142EL KEC-KDV142EL_07 Datasheet
438Kb / 2P
SILICON EPITAXIAL PIN TYPE DIODE
KDP600UL KEC-KDP600UL_15 Datasheet
509Kb / 2P
SILICON EPITAXIAL PIN TYPE DIODE
KDP620UL KEC-KDP620UL_15 Datasheet
353Kb / 3P
SILICON EPITAXIAL PIN TYPE DIODE
KDP623UL KEC-KDP623UL_15 Datasheet
384Kb / 3P
SILICON EPITAXIAL PIN TYPE DIODE
KDV144F KEC-KDV144F_15 Datasheet
442Kb / 2P
SILICON EPITAXIAL PIN TYPE DIODE
KDV175 KEC-KDV175_15 Datasheet
472Kb / 2P
SILICON EPITAXIAL PIN TYPE DIODE
KDV176U KEC-KDV176U_15 Datasheet
363Kb / 2P
SILICON EPITAXIAL PIN TYPE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com