Electronic Components Datasheet Search
  English  ▼

X  

KIA431AM Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA431AM
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA431AM Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA431AM Datasheet HTML 1Page - KEC(Korea Electronics) KIA431AM Datasheet HTML 2Page - KEC(Korea Electronics) KIA431AM Datasheet HTML 3Page - KEC(Korea Electronics) KIA431AM Datasheet HTML 4Page - KEC(Korea Electronics) KIA431AM Datasheet HTML 5Page - KEC(Korea Electronics) KIA431AM Datasheet HTML 6Page - KEC(Korea Electronics) KIA431AM Datasheet HTML 7Page - KEC(Korea Electronics) KIA431AM Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2012. 3. 20
1/8
Revision No : 16
PROGRAMMABLE PRECISION REFERENCES
The KIA431 Series integrated circuits are three-terminal programmable shunt regulator diodes.
These monolithic IC voltage reference operate as a low temperature coefficient zener which is programmable from Vref
to 36 volts with two external resistors. These devices exhibit a wide operating current range of 1.0 to 100mA with a
typical dynamic impedance of 0.22
Ω.The characteristics of these references make them excellent replacements for
zener diodes in many applications such as digital voltmeters, power supplies, and op amp circuitry. The 2.5 volt
reference makes it convenient to obtain a stable reference from 5.0 volt logic supplies, and since the KIA431 Series
operates as a shunt regulator, it can be used as either a positive or negative voltage reference.
FEATURES
・Divice Code Name :KIA431 + Vref Code + Package Code+Pin Configuration Code
・Low Dynamic Output Impedance : 0.22Ω(Typ.).
・Sink Current Capability of 1.0 to 100mA.
・Equivalent Full-Range Temperature Coefficient of 50ppm/℃ (Typ.).
・Temperature Compensated for Operation Over Full Rated Operating Temperature Range.
・Low Output Noise Voltage.
LINE UP
* KIA431BT
(Tolerance : 0.5% , TSV package) : Under Development
SEMICONDUCTOR
TECHNICAL DATA
KIA431 Series
BIPOLAR LINEAR INTEGRATED CIRCUIT
ITEM
Vref Code
Package Code
Pin Configuration Code (SOT-23 Only)
KIA431
Code
Tolerance (%)
Code
Package
Code
Type
Blank
±2.2
Blank
TO-92
Blank
A
A
±1.0
F
SOT-89
2
B
B
±0.5
S
TSM
T
TSV
M
SOT-23
Type No.
Operating Voltage(V)
Package
Marking
KIA431
2.5~36
TO-92
KIA431A
KIA431B
KIA431F
SOT-89
3A
KIA431AF
3B
KIA431BF
3C
KIA431T
TSV
43C
KIA431AT
43A
KIA431BT
43B
KIA431S
TSM
43C
KIA431AS
43A
KIA431BS
43B
KIA431M
SOT-23
(A-Type)
43C
KIA431AM
43A
KIA431BM
43B
KIA431M2
SOT-23
(B-Type)
43F
KIA431AM2
43D
KIA431BM2
43E
PIN CONFIGURATION (SOT-23)
3
3
2
2
1
1
A-Type : 1. Cathode 2. Ref 3. Anode
B-Type : 1. Ref 2. Cathode 3. Anode
TOP
VIEW


Similar Part No. - KIA431AM

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA431AM KEC-KIA431AM Datasheet
399Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AM KEC-KIA431AM Datasheet
741Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
2023.10.30
More results

Similar Description - KIA431AM

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
28-Sep-2004
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F KEC-KIA78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com