Electronic Components Datasheet Search
  English  ▼

X  

KIA431AM2 Datasheet(PDF) 5 Page - KEC(Korea Electronics)

Part # KIA431AM2
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA431AM2 Datasheet(HTML) 5 Page - KEC(Korea Electronics)

  KIA431AM2 Datasheet HTML 1Page - KEC(Korea Electronics) KIA431AM2 Datasheet HTML 2Page - KEC(Korea Electronics) KIA431AM2 Datasheet HTML 3Page - KEC(Korea Electronics) KIA431AM2 Datasheet HTML 4Page - KEC(Korea Electronics) KIA431AM2 Datasheet HTML 5Page - KEC(Korea Electronics) KIA431AM2 Datasheet HTML 6Page - KEC(Korea Electronics) KIA431AM2 Datasheet HTML 7Page - KEC(Korea Electronics) KIA431AM2 Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2012. 3. 20
5/8
KIA431 Series
Revision No : 16
-2.0
K
I
- V
CATHODE VOLTAGE VKA (V)
CATHODE VOLTAGE VKA (V)
CATHODE VOLTAGE VKA (V)
-1.0
3.0
0
1.0
2.0
-100
50
-50
0
KA
100
150
40
20
010
1.0M
100k
10k
10M
1.0k
FREQUENCY f (Hz)
Zka
- f
FREQUENCY f (Hz)
GVO - f
3.0
5.0
0
16
12
8.0
20
4.0
TIME t (
µs)
0
PULSE RESPONSE
-24
-32
-16
0
-8.0
100
10
0.1
1.0
0
-10
10
800
600
KA
0
-200
2.0
1.0
0
3.0
-1.0
I
- V
K
200
400
V
=V
Ta=25 C
KA
ref
ref
KA
Ta=25 C
V
=V
30
Ta=25 C
K
I =10mA
I =1.0mA~100mA
Ta=25 C
K
20
30
40
50
60
1.0k
10M
10k
100k
1.0M
I =10mA
Ta=25 C
K
0
2.0
1.0
Ta=25 C
OUTPUT
INPUT
Vref - VKA
0
100
0
PD - Ta
25
50
75
100
125
150
175
200
300
400
500
600
700
800
1000
900
AMBIENT TEMPERATURE Ta ( C)
KIA431F
KIA431S
KIA431T
KIA431
KIA431M



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com