Electronic Components Datasheet Search
  English  ▼

X  

KMB6D0DN35QB Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KMB6D0DN35QB
Description  Dual N-Ch Trench MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMB6D0DN35QB Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KMB6D0DN35QB Datasheet HTML 1Page - KEC(Korea Electronics) KMB6D0DN35QB Datasheet HTML 2Page - KEC(Korea Electronics) KMB6D0DN35QB Datasheet HTML 3Page - KEC(Korea Electronics) KMB6D0DN35QB Datasheet HTML 4Page - KEC(Korea Electronics) KMB6D0DN35QB Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2011. 2. 25
2/5
KMB6D0DN35QB
Revision No : 0
ELECTRICAL CHARACTERISTICS (Tj=25
℃) UNLESS OTHERWISE NOTED
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
BVDSS
ID=250μA, VGS=0V
35
-
-
V
Drain Cut-off Current
IDSS
VDS=35V, VGS=0V
-
-
1
μA
Gate Leakage Current
IGSS
VGS=±20V, VDS=0V
-
-
±100
nA
Gate Threshold Voltage
Vth
VDS=VGS, ID=250μA
1.0
2.0
3.0
V
Drain-Source ON Resistance
RDS(ON)
VGS=10.0V, ID=6A
-
24
28
m
Ω
VGS=4.5V, ID=5A
-
35
42
On-State Drain Current
ID(ON)
VDS=5V, VGS=10V
20
-
-
A
Forward Transconductance
gfs
VDS=10V, ID=6A
-
20
-
S
Dynamic
Input Capacitance
Ciss
VDS=15V, f=1MHz, VGS=0V
-
460
-
pF
Ouput Capacitance
Coss
-
170
-
Reverse Transfer Capacitance
Crss
-
50
-
Total Gate Charge
Qg
VDS=28V, VGS=10V, ID=6A (Note2,3)
-
9.0
12.6
nC
Gate-Source Charge
Qgs
-
1.5
-
Gate-Drain Charge
Qgd
-
3.0
-
Total Gate Charge
Qg
VDS=28V, VGS=5V, ID=6A (Note2,3)
-
5.5
-
Turn-On Delay Time
td(on)
VDD=15V, VGS=10V
ID=1A, RG=6Ω (Note2,3)
-
16
-
ns
Turn-On Rise Time
tr
-
14.5
25.5
Turn-Off Delay Time
td(off)
-
40
-
Turn-Off Fall Time
tf
-
11.5
21
Source-Drain Diode Ratings
Source-Drain Forward Voltage
VSDF
IDR=1.7A, VGS=0V
-
0.75
1.2
V
Note1) Repetivity rating : Pulse width Limited by juntion temperature.
Note2) Pulse tesl : Pulse width
≤ 300㎲ , Duty cycle ≤ 2%
Note3) Essentially independenl of operating temperature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com