Electronic Components Datasheet Search
  English  ▼

X  

KTC3878S Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC3878S
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3878S Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC3878S Datasheet HTML 1Page - KEC(Korea Electronics) KTC3878S Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2001. 2. 24
2/2
KTC3878S
Revision No : 2
10
3
100
-5
-3
-0.3
-0.1
EMITTER CURRENT I
(mA)
E
y
- I
E
EMITTER CURRENT I
(mA)
-0.1
-0.3
-3
-5
100
5
10
3
2
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
2
500
3
100
re
E
y
- V
re
CE
-1
30
50
COMMON EMITTER
V
=6V
f=1MHz
Θ =-90
Ta=25 C
CE
re
E
fe
y
Θ
- I
fe
,
CE
fe
y
Θ
- V
fe
,
-1
5
30
50
COMMON EMITTER
V
=6V
f=1MHz
Ta=25 C
CE
y
R, O, Y
fe
fe
R, O, Y
-5
-3
-0.5
-0.3
-1
-10
4
6
8
10
12
14
16
5
10
30
50
100
COMMON EMITTER
I =-1mA
E
4
6
8
10
12
14
16
5
10
30
50
300
-30
-5
-3
-1
-0.5
-10
-0.3
-50
y fe
fe
f=1MHz
Θ =-90
Ta=25 C
re
Θ
Θ
COMMON EMITTER
V
=6V
f=1MHz
Ta=25 C
CE
y PARAMETERS (Typ.) (COMMON EMITTER VCE=6V, IE=-1mA, f=1MHz)
CHARACTERISTIC
SYMBOL
KTC3878S-R
KTC3878S-O
KTC3878S-Y
UNIT
Input Conductance
gie
0.5
0.35
0.22
mS
Input Capacitance
Cie
50
48
46
pF
Output Conductance
goe
4
5
6.5
S
Output Capacitance
Coe
3.7
3.4
3.2
pF
Forward Transfer Admittance
|yfe|
36
36
36
mS
Phase Angle of Forward Transfer Admittance
fe
-1.6
-1.6
-1.6
Reverse Transfer Admittance
|yre|
14
14
14
S
Phase Angle of Reverse Transfer Admittance
re
-90
-90
-90



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com