Electronic Components Datasheet Search
  English  ▼

X  

KUSB50QN Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KUSB50QN
Description  HIGH-SPEED USB2.0 DPDT SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KUSB50QN Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KUSB50QN Datasheet HTML 1Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 2Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 3Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 4Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 5Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 6Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 7Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 8Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2010. 2. 10
3/10
KUSB50QN
Revision No : 0
Absolute Maximum Ratings
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
-0.5 ~ 4.6
V
Control Port Input Voltage (S, OE-)
VIN
-0.5 ~ 4.6
V
Switch Input Voltage
(HSDnx, Dx)
VSW
HSDnx
-0.5 ~ VCC+0.5
V
Dx @VCC>0
-0.5 ~ VCC+0.5
Dx @VCC=0
5.25
Data Port Output Current
IOD
120
mA
Power Dissipation
PD
0.5
W
Operating Ambient Temperature
Ta
-40 ~ +85
℃
Storage Temperature Range
Tstg
-65 ~ +150
℃
DC Electrical Characteristics⑴ (VCC=3.0~4.3V, Ta = -40~85℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input HIGH Voltage
VIH
VCC=4.3V
1.7
-
-
V
VCC=3.0V
1.3
-
-
V
Input LOW Voltage
VIL
VCC=4.3V
-
-
0.7
V
VCC=3.0V
-
-
0.5
V
Clamp Diode Voltage
VIK
VCC=Max, IIN=-18mA
-
-0.7
-1.2
V
Control Input Leakage
IIN
VCC=Max, 0≤VIN≤VCC
-1.0
-
1.0
μA
OFF State Leakage
IOZ
VCC=VOE-=Max, 0≤VSW≤VCC
-2.0
-
2.0
μA
Power OFF Leakage Current (D+, D-)
IOFF
VCC=0V, 0≤VSW≤4.3V
-2.0
-
2.0
μA
Quiescent Supply Current
ICC
VCC=Max, VIN=0V or VCC
-
-
1.0
μA
Increase in ICC per Control Voltage
ICCT
VCC=Max, VIN=1.8V
-
-
10.0
μA
Switch ON Resistance
RON
VCC=Min, 0V≤VSW≤1.0V, ION=-40mA
-
5.5
6.5
Ω
ON Resistance Flatness
RFLAT(ON)
VCC=Min, 0V≤VSW≤1.0V, ION=-40mA
-
1.5
-
Ω
ON Resistance Match from
Center Port to any other port
ΔR
ON
VCC=Min, VSW=1.0V, ION=-40mA
-
0.2
0.35
Ω
Note(1) : All typical values are at VCC=3.3V(unless otherwise noted), Ta=25℃
Capacitance Characteristics⑴ (Ta =-40~85℃, f=1㎒)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
FIGURE NO.
HSDnx, Dnx, Switch ON Capacitance
CON
VCC=3.3V, VOE-=0V
-
6.5
-
pF
6
HSDnx, Switch OFF Capacitance
COFF
VCC=3.3V, VOE-=3.3V
-
3.0
-
pF
7
Control Pin Input Capacitance
CIN
VCC=0V
-
3.6
-
pF
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com