Electronic Components Datasheet Search
  English  ▼

X  

MBRP30U200CT Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MBRP30U200CT
Description  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MBRP30U200CT Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MBRP30U200CT Datasheet HTML 1Page - KEC(Korea Electronics) MBRP30U200CT Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2011. 6. 14
1/2
SEMICONDUCTOR
TECHNICAL DATA
MBRP30U200CT
SCHOTTKY BARRIER TYPE DIODE
Revision No : 1
SWITCHING MODE POWER SUPPLY APPLICATION.
CONVERTER & CHOPPER APPLICATION.
FEATURES
・Average Output Rectified Current
: IO=30A.
・Repetitive Peak Reverse Voltage
: VRRM=200V.
・Fast Reverse Recovery Time : trr=35ns.
MAXIMUM RATING (Ta=25
℃)
TO-247
A
MILLIMETERS
DIM
B
C
D
E
F
G
H
I
J
K
L
O
Q
M
Max. 4.50
4.57
R
S
U
15.90 0.30
+_
5.00 0.20
+_
20.85 0.30
+_
3.00 0.20
+_
2.00 0.20
+_
1.20 0.20
+_
20.10 0.70
+_
0.60 0.02
+_
2.00 0.10
+_
14.70 0.20
+_
3.19 0.20
+_
2.40 0.20
+_
N
13.26
P
5.45 0.30
+_
3.70 0.20
+_
3.60 0.20
+_
7.19 0.10
+_
U
S
M
K
B
I
123
A
R
Q
N
O
D
E
F
PP
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
200
V
Average Output Rectified
Current (Note)
IO
30
A
Peak One Cycle Surge Forward
Current (Non-Repetitive 60Hz)
IFSM
300
A
Junction Temperature
Tj
-40
~150
℃
Storage Temperature Range
Tstg
-55
~150
℃
Note : average forward current of centertap full wave connection.
3
1
2
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Peak Forward Voltage
(Note)
VFM
IFM=15A
-
-
0.95
V
Repetitive Peak
Reverse Current
(Note)
IRRM
VRRM=Rated
-
-
50
㎂
Reverse Recovery Time
(Note)
trr
IF=0.5A, IR=1.0A, IRR=0.25A(25%)
-
-
35
ns
Thermal Resistance
(Note)
Rth(j-c)
Juction to Case
-
-
3
℃/W
Note : A value of one cell


Similar Part No. - MBRP30U200CT

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
MBRP30U200CT KEC-MBRP30U200CT Datasheet
367Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRP30U200CT KEC-MBRP30U200CT_15 Datasheet
367Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - MBRP30U200CT

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
USFB13A KEC-USFB13A Datasheet
437Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBR2060CT KEC-MBR2060CT Datasheet
35Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR331V KEC-KDR331V Datasheet
68Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR735T KEC-KDR735T Datasheet
34Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBR10100CT KEC-MBR10100CT Datasheet
441Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRD10U100CT KEC-MBRD10U100CT Datasheet
43Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF10U100CTA KEC-MBRF10U100CTA Datasheet
375Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF10U200CTA KEC-MBRF10U200CTA Datasheet
44Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF560CT KEC-MBRF560CT_08 Datasheet
45Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
logo
Kersemi Electronic Co.,...
MBRF20200CT KERSEMI-MBRF20200CT Datasheet
766Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com