Electronic Components Datasheet Search
  English  ▼

X  

SMFB16 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # SMFB16
Description  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

SMFB16 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  SMFB16 Datasheet HTML 1Page - KEC(Korea Electronics) SMFB16 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2011. 1. 28
2/2
SMFB16
Revision No : 1
I
-
V
FF
F
FORWARD VOLTAGE V
(V)
0
0.2
0.3
0.1
0.4
0.5
0.8
0.6
0.7
10
0.01
0.1
1
Ta = 25 C
Ta = 75 C
Ta = 125 C
NUMBER OF CYCLES
1
0
40
20
80
60
100
10
SURGE FORWARD CURRENT
(NON - REPETITIVE)
100
Ta=25 C
f=60Hz
P
- I
F(AV)
F(AV)
F(AV)
AVERAGE FORWARD CURRENT I
(A)
0
0
0.1
0.2
0.5
0.4
0.6
0.3
0.2
0.6
0.4
0.8
1.0
1.2
α=180
DC
REVERSE VOLTAGE VR (V)
IR - VR
010
20
30
40
0.1
1
100
10
10,000
1,000
100,000
60
50
j
T =25 C
T =125 C
j
j
T =75 C
RECTANGULAR
WAVEFORM
CONDUCTION
ANGLE
α
0
α
360



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com