Electronic Components Datasheet Search
  English  ▼

X  

RB548W Datasheet(PDF) 1 Page - Diodes Incorporated

Part # RB548W
Description  Schottky barrier diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

RB548W Datasheet(HTML) 1 Page - Diodes Incorporated

  RB548W Datasheet HTML 1Page - Diodes Incorporated RB548W Datasheet HTML 2Page - Diodes Incorporated RB548W Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RB548W
Diodes
1/2
Schottky barrier diode
RB548W
Application
External dimensions (Units : mm)
Rectifying small power
Features
1) Extra small mold type. (EMD3)
2) High reliability.
Construction
Silicon epitaxial planer
Circuit
(1) K
(2) A
(3) A, K
Absolute maximum ratings(Ta=25
°C)
Parameter
Symbol
Limits
Unit
Reverse voltage (DC)
VR
30
V
Average rectified forward current
IO
100
mA
Forward current surge peak
IFSM
0.5
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
°C
−40 to +125
∗1
∗1 Rating of per diode
∗2 60Hz, 1cyc. Rating of per diode
∗2
Electrical characteristics(Ta=25
°C)
∗Please pay attention to static electricity when handling.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
−−
0.450
V
IF
=10mA
Reverse current
IR
−−
0.5
µAVR=10V
ROHM : EMD3
EIAJ :
JEDEC :
(2)
(1)
(3)
0.2
0.2
0.5 0.5
1.0
±0.1
1.6
±0.2
0.3
−0.05
+0.1
+0.1
−0.05
+0.1
−0.05
0.55
±0.1
0.7
±0.1
0.15
±0.05
0~0.1


Similar Part No. - RB548W

ManufacturerPart #DatasheetDescription
logo
Rohm
RB548W ROHM-RB548W Datasheet
48Kb / 3P
Schottky barrier diode
RB548W ROHM-RB548W Datasheet
170Kb / 4P
Schottky barrier diode
RB548W ROHM-RB548W Datasheet
979Kb / 4P
Shottky barrier diode
logo
Shenzhen Luguang Electr...
RB548W LUGUANG-RB548W Datasheet
250Kb / 2P
Surface Mount Schottky Barrier Diodes
logo
Rohm
RB548W ROHM-RB548W Datasheet
1Mb / 8P
Schottky Barrier Diode
More results

Similar Description - RB548W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com