Electronic Components Datasheet Search
  English  ▼

X  

BUZ331 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BUZ331
Description  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ331 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BUZ331 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ331 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ331 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ331 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ331 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ331 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ331 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ331 Datasheet HTML 8Page - Siemens Semiconductor Group BUZ331 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Semiconductor Group
4
07/96
BUZ 331
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Reverse Diode
Inverse diode continuous forward current
TC = 25 °C
IS
-
-
5
A
Inverse diode direct current,pulsed
TC = 25 °C
ISM
-
-
20
Inverse diode forward voltage
VGS = 0 V, IF = 10 A
VSD
-
1.1
1.2
V
Reverse recovery time
VR = 100 V, IF=lS, diF/dt = 100 A/µs
trr
-
380
-
ns
Reverse recovery charge
VR = 100 V, IF=lS, diF/dt = 100 A/µs
Qrr
-
4
-
µC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com