Electronic Components Datasheet Search
  English  ▼

X  

712M Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 712M
Description  Metal EMI/RFI Environmental Adapter for Mighty Mouse Connectors for Series 72 Annular Convoluted Tubing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

712M Datasheet(HTML) 1 Page - Glenair, Inc.

  712M Datasheet HTML 1Page - Glenair, Inc. 712M Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAGE Code 06324
©2011 Glenair, Inc.
Printed in U.S.A.
18
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
Metal Guardian System Mighty Mouse connector adapter fitting
712M*838
Metal eMi/RFi environmental
Adapter for Mighty Mouse Connectors
for Series 72 Annular Convoluted tubing
How To Order
Product
Series
Basic No.
Finish
(Table III)
Order No.
(Table I)
Shrink Boot
Table II
(Omit for none)
Dash No.
(Table II)
712 M S 838 NF 07 09 B T
Connector Designator
Angle:
M, N, S
B = 600-057 Band Supplied
K = 600-057-1 Precoiled
Band Supplied
(Omit of not required)
Material and Finish
Adapters, coupling nut: See Table III
O-ring: Silicone/NA
Retaining clip: High grade engineering thermoplastic/NA
Band: SST/Passivate
Tools and Assembly notes
Conduit retaining clip and conduit O-ring to be supplied unassembled
For effective grounding, connector with conductive Finish should be used
Glenair assembly procedure AP74-010 is recommended for adapter to conduit termination
Symbol S
Straight
ACCOmODATES 600-057-1 mICrO BAND (TyP)
CONDUIT rETAINING CLIP TyP
CONDUIT O-rING TyP
O-rING TyP
A THrEAD
TyP
kNUrL STyLE
mFr’S OPTION
TyP
B mAx
TyP
.80
mAx
.085
mAx
.310
TyP
SHrINk SLEEvE Or BOOT GrOOvE (TyP)
TUBING SHOwN FOr rEF. ONLy
CONDUIT I.D.
TyP
G TyP
Sym k
mICrO-BAND
GLENAIr P/N 600-057-1


Similar Part No. - 712M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
712 ETC2-712 Datasheet
470Kb / 2P
Wiha Quality Tools Toll Free: (800) 494-6104
712 ETC2-712 Datasheet
346Kb / 1P
Dura Torsion Insert and Power Bits
logo
Teledyne Technologies I...
712 TELEDYNE-712 Datasheet
310Kb / 6P
DPDT basic relay
logo
GS Yuasa Battery Sales ...
712 GSYUASABATTERY-712 Datasheet
549Kb / 1P
Capacity (20-hour) 240Ah
logo
EAO AG.
712-.401-00 EAO-712-.401-00 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
More results

Similar Description - 712M

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
121-001-09 GLENAIR-121-001-09 Datasheet
121Kb / 1P
72 Annular Convoluted Tubing Thermally Stabilized Kynar
121-003-09 GLENAIR-121-003-09 Datasheet
117Kb / 1P
72 Annular Convoluted Tubing Thermally Stabilized Kynar
121-015-09E GLENAIR-121-015-09E Datasheet
110Kb / 1P
72 Annular Convoluted Tubing Thermally Stabilized Kynar
120-001 GLENAIR-120-001 Datasheet
113Kb / 1P
72 Annular Convoluted Tubing Thermally Stabilized Kynar
121-014 GLENAIR-121-014 Datasheet
119Kb / 1P
72 Annular Convoluted Tubing Thermally Stabilized Kynar
120-144 GLENAIR-120-144 Datasheet
230Kb / 1P
Annular Convoluted Tubing
710-858 GLENAIR-710-858 Datasheet
194Kb / 2P
Direct Attachment Guardian Y Transition For Series 72 Annular Convoluted Tubing
710-860 GLENAIR-710-860 Datasheet
188Kb / 2P
Direct Attachment Guardian T Transition For Series 72 Annular Convoluted Tubing
712-839 GLENAIR-712-839 Datasheet
207Kb / 2P
Metal Self- Locking EMI/RFI Environmental Connector Adapter for Series 72 Annular Convoluted Tubing
713-356 GLENAIR-713-356 Datasheet
224Kb / 2P
Composite Self-Locking EMI/RFI Environmental Connector Adapter for Series 72 Annular Convoluted Tubing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com