Electronic Components Datasheet Search
  English  ▼

X  

809-190 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 809-190
Description  Series 811 Mighty Mouse High Density (HD) Rubber Protective Cover Dimensions and Attachments 809-190 and 809-191
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

809-190 Datasheet(HTML) 1 Page - Glenair, Inc.

  809-190 Datasheet HTML 1Page - Glenair, Inc. 809-190 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
23
Dimensions in Inches (millimeters) are subject to change without notice.
© 2011 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
Series 811 Mighty Mouse High Density (HD)
Rubber Protective Cover
Dimensions and Attachments
809-190 and 809-191
Attaching a Cover to a Cable Assembly
with a Solid Ring
Large Ring
Dia.
Code
Shell
Size
Ring I.D.
Ring o.D.
In.
mm.
In.
mm.
± .010 ±0.25 ± .015 ± 0.38
08
5,6
.385
9.78
.510 12.95
09
7
.445 11.30
.565 14.35
11
8, 9
.570 14.48
.685 17.40
Attaching a Cover to a Cable Assembly
with Type WS Cable Tie
Attaching a Cover to a Cable Assembly
with Type SCS Slip Knot
Attaching a 809-190 Receptacle Cover to a
Rear Panel Mounted Jam Nut Receptacle
Solid Ring
Dia.
Code
Shell
Size
Ring I.D.
Ring o.D.
In.
mm.
In.
mm.
± .010 ±0.25 ± .015 ± 0.38
08
5
.385
9.78
.510 12.95
09
6
.445 11.30
.565 14.35
11
7, 8
.570 14.48
.685 17.40
13
9
.635 16.13
.760 19.30
Attaching a Cover to a Panel with a Screw
Lug Terminal
for Attaching
Receptacle Covers
to a Panel with a
Screw
Dia.
Code
Screw
Size
Ring I.D.
Ring o.D.
In.
mm.
In.
mm.
±.005 ±0.13 Max. Max.
01
#4, M3
.126
3.20
.31
7.9
02
#6
.145
3.68
.31
7.9
06
#8, M4
.188
4.78
.31
7.9
07
#10
.197
5.00
.31
7.9
RECEPTACLE
CONNECTOR
STYLE 07
ATTACHMENT RING
FITS UNDER JAM NUT
PROTECTIVE
COVER
809-190
PANEL
JAM
NUT
PROTECTIVE
COVER
809-190
LUG
TERMINAL
CONNECTOR
SCREW
INSTALL RING BEFORE
MOLDING OR BACKSHELL
INSTALLATION
BLACK NYLON CABLE TIE
WITH SST LOCKING TAB
SST SCREW WITH
SELF-LOCKING NUT
FRICTION/CRIMP SLEEVE


Similar Part No. - 809-190

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
809-190 GLENAIR-809-190_15 Datasheet
227Kb / 1P
Mighty Mouse and Series 811 High Density
More results

Similar Description - 809-190

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
600-058 GLENAIR-600-058 Datasheet
268Kb / 1P
Series 811 Mighty Mouse High Density (HD) Contacts and Tools Band-Master??Advanced Termination System Bands and instructions
809-191 GLENAIR-809-191 Datasheet
252Kb / 1P
Series 811 Mighty Mouse High Density (HD) Rubber Protective Covers 809-190 and 809-191
809S060 GLENAIR-809S060 Datasheet
418Kb / 4P
Series 811 Mighty Mouse High Density (HD) Shrink Boots 809S060 and 809A060
811-001-06 GLENAIR-811-001-06 Datasheet
319Kb / 1P
Series 811 Mighty Mouse High Density (HD) Pre-Wired Plug Connectors 811-001-06
811-003-01 GLENAIR-811-003-01 Datasheet
230Kb / 1P
Series 811 Mighty Mouse High Density (HD) Pre-Wired In-Line Receptacle Connectors 811-003-01
811-003-02 GLENAIR-811-003-02 Datasheet
233Kb / 1P
Series 811 Mighty Mouse High Density (HD) Pre-Wired Square Flange Receptacle Connectors 811-003-02 and 811-004-02
811-003-07 GLENAIR-811-003-07 Datasheet
255Kb / 1P
Series 811 Mighty Mouse High Density (HD) Pre-Wired Jam Nut Receptacle Connectors 811-003-07 and 811-004-07
811-005 GLENAIR-811-005 Datasheet
849Kb / 1P
Series 811 Mighty Mouse High Density (HD) PCB Receptacle Connector Hole Patterns 811-005 and 811-006
811-007 GLENAIR-811-007 Datasheet
354Kb / 2P
Series 811 Mighty Mouse High Density (HD) Harsh Environment Cordsets
809-190 GLENAIR-809-190_15 Datasheet
227Kb / 1P
Mighty Mouse and Series 811 High Density
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com