Electronic Components Datasheet Search
  English  ▼

X  

809S060 Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 809S060
Description  Series 811 Mighty Mouse High Density (HD) Shrink Boots 809S060 and 809A060
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

809S060 Datasheet(HTML) 3 Page - Glenair, Inc.

  809S060 Datasheet HTML 1Page - Glenair, Inc. 809S060 Datasheet HTML 2Page - Glenair, Inc. 809S060 Datasheet HTML 3Page - Glenair, Inc. 809S060 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
27
© 2011 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
Series 811 Mighty Mouse High Density (HD)
Shrink boots
809S060 and 809A060
Boot
Size
Shell Size
Part Number
Series 811
Mighty Mouse HD
Pre-Coated with W1 Hi-
Temp Hot-Melt Adhesive
1
5
809S060-1
2
6, 7
809S060-2
3
8, 9
809S060-3
-75° C to +150° C
Excellent resistance to fuels,
oils, solvents and heat.
Low Smoke, Zero Halogen
Meets U.S. and E.U. toxicity
requirements.
Lipped Straight Shrink Boots- Type 2 Zero Halogen, Semi-Rigid
Boot
Size
Shell Size
Part Number
Series 811
Mighty Mouse HD
Pre-Coated with W1 Hi-
Temp Hot-Melt Adhesive
1
5
809S060-1H
2
6, 7
809S060-2H
3
8, 9
809S060-3H
Boot
Size
Shell Size
Part Number
Series 811
Mighty Mouse HD
Pre-Coated with W1 Hi-
Temp Hot-Melt Adhesive
1*
5
809A060-1
2
6, 7
809A060-2
3
8, 9
809A060-3
* Size 1 right angle boot does not have lip. See drawing on
following page.
Lipped Right Angle Boots- Type I High Performance Elastomer
-75° C to +150° C
Excellent resistance to fuels,
oils, solvents and heat.
Boot
Size
Shell Size
Part Number
Series 811
Mighty Mouse HD
Pre-Coated with W1 Hi-
Temp Hot-Melt Adhesive
1*
5
809A060-1H
2
6, 7
809A060-2H
3
8, 9
809A060-3H
* Size 1 right angle boot does not have lip. See drawing on
following page.
Low Smoke, Zero Halogen
Meets U.S. and E.U. toxicity
requirements.
Lipped Right Angle Shrink Boots- Type 2 Zero Halogen, Semi-Rigid
Lipped Straight Shrink Boots – Type i High Performance Elastomer



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com