Electronic Components Datasheet Search
  English  ▼

X  

VG95351 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # VG95351
Description  VG95351 and VG96934 Qualified Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

VG95351 Datasheet(HTML) 2 Page - Glenair, Inc.

  VG95351 Datasheet HTML 1Page - Glenair, Inc. VG95351 Datasheet HTML 2Page - Glenair, Inc. VG95351 Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2008 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
27
E-Mail: sales@glenair.com
VG95351 and VG96934 Qualified Connectors
A
B
C
D
E
F
G
13º
120°
90°
Ø 18.0
MAX
10.0
MAX
Ø 14.2
MAX
18.3
MAX
21.0
MAX
KNURL
VG95351 A7
7 pin cable plug with solder cup contacts. Knurled
platform for attachment of heatshrink boot for
watertight seal. Maximum weight 7 grams.
VG Part Number
Glenair Part no.
VG95351A7
CB07A1L0
VG95351 B7
7 pin flange mount receptacle with solder cup
contacts. Maximum weight 16 grams.
VG Part Number
Glenair Part no.
VG95351B7
CB07B1L0
A
B
C
D
E
F
G
Ø 17.0 MAX
12.8 MAX
FLATS
LOCATION OF
POLARIZING CODE
2.0
16.2 MAX
20.6 MAX
3.0 MAX
3.0 MAX
PANEL
JAM NUT
WASHER
M14 x 0.75
O-RING
VG95351 C7
7 pin jam nut mount receptacle with solder cup
contacts. Maximum weight 13 grams.
VG Part Number
Glenair Part no.
VG95351C7
CB07C1L0
VG95351 StYLE A: PLuG
VG95351 StYLE B: FLANGE MouNt RECEPtACLE
VG95351 StYLE C: JAM Nut MouNt RECEPtACLE
A
C
D
E
F
G
B
A
C
D
E
F
G
B
Ø 3.7/3.3 THRU
HOLE 2 PLCS
RAD 3.5
25.0 ± 0.1
20.5 MAX.
32.0 MAX.
Ø 13.5
MAX.
1.5 ± 0.15
13
MAX.
DETAIL
A
LOCATION OF
POLARIZING CODE
Ø 12.8
MAX.
Ø 18.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com