Electronic Components Datasheet Search
  English  ▼

X  

MAMDCC0002 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAMDCC0002
Description  PIN diode Vector Modulators - Fundamentals and Drive Requirements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMDCC0002 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAMDCC0002 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PIN diode Vector Modulators -
Fundamentals and Drive Requirements
Rev. V4
Application Note
AN3001
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
5
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Figure 5. Phase and Attenuation of MAMDCC0006, Vector Modulator Linearized with
MADRCC0002 Linearizer
1. Tic marks on x,y axes refer to reflection coefficient in increments of 0.1V Reflection coefficients vary from –0.5 to +0.5 on both
the x and y axes.
2. Data is for vector modulators driven by linearizers per attached schematic.
3. Inputs to the linearizers vary from 0 to 5V.
4. The phase with the inputs to both linearizers set to +5V is arbitrarily called zero degrees.
bias 1 = 0.0V
0.5V
1.0V
1.5V
2.0V
2.5V
3.0V
3.5V
bias 1 = 5.0V
bias 2 = 0.0V
0.5V
bias 2 = 5.0V
3.5V
3.0V
2.5V
2.0V
1.5V
1.0V
(y)
90°
(x)
0°
45°
bias 1 = 0V
bias 2 = 0V
bias 1 = 0V
bias 2 = +5V
(y)
90°
(x)
0°
45°
bias 1 = +5V
bias 2 = +5V
bias 1 = +5V
bias 2 = 0V
Reflection
coefficient = 0.5
Loss = 22 dB
Loss = 17 dB
Loss = 12 dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com