Electronic Components Datasheet Search
  English  ▼

X  

C2084 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # C2084
Description  Ceramic Surface Mount Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

C2084 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  C2084 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. C2084 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. C2084 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ceramic Surface Mount Amplifier
Rev. V3
Application Note
C2084
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
1
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1. Introduction
M/A-COM’s
Ceramic
Surface
Mount
amplifier
platform
offers
superior
intermodulation
performance for IF amplifiers in a commercial LGA
(Land Grid Array) package. This design approach
integrates coupler feedback transformer technology
into a low cost package with excellent thermal
performance. The amplifiers in this family can be
used individually or cascaded in pairs to achieve
any gain between 10 and 30 dB in 5 dB steps.
Desired
Gain (dB)
Stage 1
Amplifier
Stage 2
Amplifier
Prototype
Amplifier
10
AM05-0006
N/A
AM05-0006-TB
15
AM05-0005
N/A
AM05-0005-TB
20
AM05-0006
AM05-0006
N/A
25
AM05-0005
AM05-0006
N/A
30
AM05-0005
AM05-0005
N/A
Table 1. Selection Guide for 10 to 30 dB
Gain
2. Product Selection and Prototype
Boards
For gains of 10 or 15 dB an individual AM05-0006
or AM05-0005 amplifier would be used.
For gains
of 20, 25, and 30 dB two amplifiers would be
cascaded per Table 1. Note that for the 25 dB gain
cascade, it is desirable to put AM05-0005 first,
since noise figure is lower when the higher gain
amplifier is the first element of the cascade.
Prototype boards are available for the AM05-0005
and AM05-0006 amplifiers.
These boards are
connectorized so the the customer can easier
evaluate prototype quantities, without needing to
develop prototype boards. DC voltage and return
wires can be soldered or clipped to the DC
connectors.
The part numbers for the prototype
boards are AM05-0005-TB and AM06-0006-TB.
See Figure 1 for a prototype board with the AM05-
0006 amplifier mounted to it.
3. Package Design
The base of the package is ceramic due to the
power dissipated in the transistor. Using a ceramic
package is the best way to transfer heat out of the
transistor, and still keep the design low cost for the
commercial market. A land grid array package was
used so that the amplifiers can easily be soldered
to the end user’s printed circuit board. There are
two RF connections (RF IN and RF OUT) and a
bias connection. All of the other connections are
ground. The grounds are kept small to minimize
mechanical stress on the solder joints as the
temperature
changes,
due
to
the
thermal
expansion and contraction of the ceramic. Some of
the grounds are actually used for thermal transfer,
as opposed to just providing an RF ground. The
leads
are
pretinned
with
solder
to
enhance
soldering by the customer. See Figure 2 for a top
and bottom view of the package.
Figure 1. Prototype Board AM05-0006-TB


Similar Part No. - C2084

ManufacturerPart #DatasheetDescription
logo
Powerbox
C208 POWERBOX-C208 Datasheet
268Kb / 1P
50 WATTS (AC) DC/DC SINGLEI OUTPUT
logo
Heyco.
C2080 HEYCO-C2080 Datasheet
100Kb / 1P
HEYCo-molded™ Liquid Tight Break-Thru Plugs
C2080 HEYCO-C2080 Datasheet
99Kb / 1P
HEYCo-molded™ Liquid Tight Break-Thru Plugs
logo
List of Unclassifed Man...
C208024006 ETC2-C208024006 Datasheet
71Kb / 3P
Timers Symmetrical Recycler
C208024060 ETC2-C208024060 Datasheet
71Kb / 3P
Timers Symmetrical Recycler
More results

Similar Description - C2084

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ERA-8SM MINI-ERA-8SM Datasheet
124Kb / 1P
Surface Mount Monolithic Amplifier
GVA-84+ MINI-GVA-84+ Datasheet
716Kb / 4P
Surface Mount Monolithic Amplifier
GALI5 MINI-GALI5 Datasheet
133Kb / 4P
Surface Mount Monolithic Amplifier
logo
List of Unclassifed Man...
CC154 ETC2-CC154 Datasheet
48Kb / 1P
Ceramic Surface Mount VCXO
logo
Ecliptek Corporation
ECCM61 ECLIPTEK-ECCM61 Datasheet
441Kb / 2P
CERAMIC SURFACE MOUNT CRYSTAL
logo
List of Unclassifed Man...
CTVZ-A6B3 ETC2-CTVZ-A6B3 Datasheet
44Kb / 1P
Ceramic Surface Mount TCVCXO
logo
Vanlong Technology Co.,...
SM6B VANLONG-SM6B Datasheet
37Kb / 1P
Ceramic Surface Mount Crystal
logo
Dubilier
DSU0805C101JN DUBILIER-DSU0805C101JN Datasheet
425Kb / 6P
SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
logo
YAGEO Corporation
CC0402JRNPO9BN390 YAGEO-CC0402JRNPO9BN390 Datasheet
360Kb / 14P
SURFACE-MOUNT CERAMIC CERAMIC
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com