Electronic Components Datasheet Search
  English  ▼

X  

M515 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M515
Description  Techniques to Achieve High Isolation with GaAs MMIC Switch Chips
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M515 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M515 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Techniques to Achieve High Isolation with GaAs MMIC Switch
Chips
Rev. V4
Application Note
M515
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
1
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Mounting Techniques
1.
Mount the base of the chip directly on the
ground plane (i.e. the metal floor of the
package) and use short connections from the
ground pads of the MMIC to the ground plane.
2.
Use short ribbon bonds (0.005 to 0.010” wide)
instead of wirebonds in the connection of the
ground pads to ground.
3.
Elevate the ground plane to be at the same
level as the ground pads on the chip surface.
This can be done by:
A. Using ground plane pedestals next to the chip,
as shown.
B. Depressing the chip into a channel in the
ground plane, as shown.
Isolation performance of a GaAs MMIC switch
can be degraded by parasitic effects introduced
by the circuit in which the MMIC is used. Two
primary causes of isolation degradation are
excessive
ground
path
inductances
and
crosstalk between RF paths (external to the
MMIC).
This note will focus on techniques to
reduce ground path inductances.
The achievable isolation of a GaAs MMIC switch
is a function of how low an inductance one can
achieve between the ground pad of the MMIC
and the ground plane within a particular circuit.
The lower the inductance, of course, the higher
the isolation that can be achieved.
For
example,
the
curves
shown
for
the
MASW6010G* chip in the catalog were obtained
using coplanar RF probes directly on the chip
Because this is a coplanar probe configuration
(which also includes the ground plane), there is
virtually
no
ground
inductance
in
the
measurement. Thus, the isolation obtained in the
data sheet is for a very small ground inductance
that exists and should be considered optimum.
However,
the
isolation
curves
for
the
MASW6020G* chip in the catalog were obtained
with the chip mounted in a package having a flat
ground plane on the floor of the pads to the
ground plane. Thus, the isolation obtained in the
data sheet is when a finite inductance exists in
the ground path.
In practice when a chip is mounted into a circuit,
there will always be some finite inductance which
can degrade the isolation performance. Several
precautions can be taken to improve the isolation
within a particular circuit. (see box)
The technique used by M/A-COM in most of the
packaged MMIC switch products is that of #1
above.
Catalog performance of these products
can be used as an indicator of what can be
expected if technique #1 is used.
However,
improvements can be expected in isolation
performance if techniques 2 or 3 are used.
This note briefly described techniques to obtain
the maximum possible isolation when using a
GaAs MMIC switch chips. Several options were
outlined which involved varying degrees of
complexity. Crosstalk, not addressed here, can
also degrade isolation, and must minimized to
obtain overall performance.
* Part number MASW6010G supersedes SW-200 and
MASW6020G supersedes SW-210.
Pedestal
Ribbon Bond
Ground Plane
Chip
Ground Plane
Ribbon Bond
Chip


Similar Part No. - M515

ManufacturerPart #DatasheetDescription
logo
Permco, Inc.
M5151C751AAXE15-5 PERMCO-M5151C751AAXE15-5 Datasheet
2Mb / 2P
Trucks & Trailers
Version 2.1
M5151C751AAXE15-5 PERMCO-M5151C751AAXE15-5 Datasheet
2Mb / 2P
Trucks & Trailers
Version 1.0
M5151C751AAXK17-5 PERMCO-M5151C751AAXK17-5 Datasheet
2Mb / 2P
Trucks & Trailers
Version 2.1
M5151C751AAXK17-5 PERMCO-M5151C751AAXK17-5 Datasheet
2Mb / 2P
Trucks & Trailers
Version 1.0
M5151C751AAXK20-5 PERMCO-M5151C751AAXK20-5 Datasheet
2Mb / 2P
Trucks & Trailers
Version 2.1
More results

Similar Description - M515

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SSW-224 STANFORD-SSW-224 Datasheet
162Kb / 3P
DC-6 GHZ HIGH ISOLATION SPDT GAAS MMIC SWITCH
SSW-108 STANFORD-SSW-108 Datasheet
83Kb / 2P
DC-4 GHz High Isolation GaAs MMIC SPDT Switch
logo
Hittite Microwave Corpo...
HMC132G7 HITTITE-HMC132G7 Datasheet
64Kb / 4P
GAAS MMIC HIGH - ISOLATION SPDT SWITCH DC - 6 GHZ
logo
Stanford Microdevices
SSW-208 STANFORD-SSW-208 Datasheet
79Kb / 2P
DC-4 GHz, High Isolation GaAs MMIC SPDT Switch
SSW-124 STANFORD-SSW-124 Datasheet
164Kb / 3P
DC-6 GHz High Isolation SPDT GaAs MMIC Switch
logo
Hittite Microwave Corpo...
HMC607 HITTITE-HMC607 Datasheet
283Kb / 6P
GaAs MMIC HIGH ISOLATION SPDT SWITCH, DC - 15 GHz
HMC132 HITTITE-HMC132 Datasheet
114Kb / 6P
GaAs MMIC HIGH-ISOLATION
HMC607 HITTITE-HMC607_09 Datasheet
214Kb / 6P
GaAs MMIC HIGH ISOLATION SPDT SWITCH, DC - 15 GHz
logo
New Japan Radio
NJG1690MD7 NJRC-NJG1690MD7 Datasheet
273Kb / 12P
HIGH ISOLATION X-SPDT (DP4T) SWITCH GaAs MMIC
logo
Marki Microwave
MMD-1648L MARKIMICROWAVE-MMD-1648L Datasheet
614Kb / 6P
High Isolation GaAs MMIC Doubler
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com