Electronic Components Datasheet Search
  English  ▼

X  

MA4P102 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MA4P102
Description  PIN Diodes for Microwave Switch Designs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4P102 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MA4P102 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4P102 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4P102 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4P102 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4P102 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4P102 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4P102 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4P102 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4P102 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PIN Diodes for Microwave Switch Designs
Rev. V2
AN3021
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Schematic 1: SP2T Series Exclusive PIN Diode Switch, 40 dB Isolation with +5 V Supply
RF Series
Diodes
J1
270
Ω
+5V
J2
+5V
1K
SN5406 Open
Collector
+ 5V TTL Driver
B2 Bias
SN5406
Open Collector
+ 5V TTL Driver
+5V
1K
J3
B3
Bias
Forward Bias Diode Voltage, ΔVf @ 10 mA ~ + 0.9 V
Reverse Bias Diode Voltage = - ( +5 V - +2.3 V ) = - 2.7 V
Schematic 1: D.C. Bias to RF Truth Table
RF State
B2 Bias
B3 Bias
Low Loss J1-J2 & Isolation J1-J3
+0.5 V @ 10 mA
+5 V @ 0 mA
Low Loss J1-J3 & Isolation J1-J2
+5 V @ 0 mA
+0.5 V @ 10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com