Electronic Components Datasheet Search
  English  ▼

X  

MA4PK2000 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4PK2000
Description  PIN Diodes for Microwave Switch Designs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4PK2000 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4PK2000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4PK2000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4PK2000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4PK2000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4PK2000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4PK2000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4PK2000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4PK2000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4PK2000 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PIN Diodes for Microwave Switch Designs
Rev. V2
AN3021
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Table 1: Relative Switch Performance and Design Evaluation Matrix
Parameter
Series Diodes Exclusive
Shunt Diodes Exclusive
Series-Shunt Diodes
Insertion Loss
Worst
Moderate
Best
VSWR
Moderate
Worst
Best
Isolation
Worst
Moderate
Best
P1dB
Moderate
Moderate
Moderate
Input IP3
Moderate
Moderate
Moderate
RF Incident Power
Worst
Best
Moderate
RF Power Dissipation
Worst
Best
Moderate
Switching Speed
Worst
Best
Moderate
D.C. Power Consumption
Best (Single +5 V)
Moderate (+5 V, -5 V)
Worst (+5 V, -5 V)
PIN Diode Driver Design Simplicity
Best (+5 V Only)
Moderate (+5 V, -5 V)
Moderate (+5 V, -5 V)
RF Design Simplicity
Best
Worst
Moderate
Cost
Best
Moderate
Moderate
Overall Evaluation
34 Points
38 Points
40 Points
Switch Design Configuration
Notes:
 Evaluation based upon following grading : Best = 5 Points, Moderate = 3 Points, Worst = 1 Point. The higher
the score, the better the overall relative design advantage.
 Where there is No significant relative advantage, a “ Moderate ” weighting can be used.
Assumptions for SP2T Design:
 Design is a Reflective SP2T.
 (2) Diodes are used per RF port.
 Frequency Bandwidth is 3.0 : 1 maximum.
Conclusions:
The Series-Shunt Design is the Best in terms of Overall Switch Performance and value. Since each Design has
a specific advantage, the decision for a Switch Design Selection is determined by the Specific Design Priorities
for the requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com