Electronic Components Datasheet Search
  English  ▼

X  

RDT Datasheet(PDF) 1 Page - E-SWITCH

Part # RDT
Description  Rotary Dip Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

RDT Datasheet(HTML) 1 Page - E-SWITCH

  RDT Datasheet HTML 1Page - E-SWITCH RDT Datasheet HTML 2Page - E-SWITCH RDT Datasheet HTML 3Page - E-SWITCH RDT Datasheet HTML 4Page - E-SWITCH RDT Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.e-switch.com
800.867.2717
2
RoHS
Audio / Visual
Computer Peripherals
Consumer Electronics
Instrumentation
Telecommunication
SpecificationS
part number configurator
featureS & benefitS
applicationS / marketS
rDt SerieS rotary Dip Switch
Specifications subject to change without notice
• OffersIP67sealingprotection
• Availablein4,6,8,10and16positions
• Rightangleorverticaloptions
• SMTorthruholeoptions
• Goldcontacts
ElectricalRating:
Switching: 42VDC, 150mA
Non-Switching: 42VDC, 200mA
LifeExpectancy: 10,000 steps
ContactResistance:80mΩ Max.
InsulationResistance: 100 MΩ Min. at 250VDC
DielectricStrength:250VAC
OperatingTemperature:
-40°C to 85°C (Thru Hole)
-60ºC to 125ºC (SMT)
ActuationForce: 700 gf
Travel: dependent upon individual switch positions
RDT
A- Arrow Flush
B- Arrow Shaft
C - Cross
D - Arrow .1 High
R- Real
C- Complementary
04
06
08
10
16
P1- TH 3x3 terminals
P2- TH 3x2 terminals
S1- SM 3x3 terminals
S2- SM 3x2 terminals
R1- Angled 5.08 spacing
R2- Angled 2.54 spacing
T- Tube
R - Tape & Reel
Series
Actuator
Code
Positions
Terminals
Packaging
Medical Equipment


Similar Part No. - RDT

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
RDT-14860 RALTRON-RDT-14860 Datasheet
532Kb / 5P
DOME ANTENNA
RDT-2.000-1786-NS1 RALTRON-RDT-2.000-1786-NS1 Datasheet
275Kb / 2P
PIEZO TRANSDUCER
A, Initial Release
RDT-2.000-1818-NS1 RALTRON-RDT-2.000-1818-NS1 Datasheet
303Kb / 2P
PIEZO TRANSDUCER
A, Initial Release
RDT-2.400-1295-NS1 RALTRON-RDT-2.400-1295-NS1 Datasheet
194Kb / 2P
MAGNETIC TRANSDUCER
A, Initial Release
RDT-2.500-1786-NS1 RALTRON-RDT-2.500-1786-NS1 Datasheet
270Kb / 3P
PIEZO TRANSDUCER
A, Initial Release
More results

Similar Description - RDT

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6RV OMRON-A6RV Datasheet
1Mb / 6P
Rotary DIP Switch
logo
Tyco Electronics
5-1825033-1 MACOM-5-1825033-1 Datasheet
219Kb / 2P
ROTARY DIP SWITCH
logo
CUI INC
RDS-74R45A-508 CUI-RDS-74R45A-508 Datasheet
382Kb / 4P
ROTARY DIP SWITCH
RDS-74R-254 CUI-RDS-74R-254 Datasheet
376Kb / 4P
ROTARY DIP SWITCH
RDS-74R-508 CUI-RDS-74R-508 Datasheet
380Kb / 4P
ROTARY DIP SWITCH
RDS-74385-45A-SMT CUI-RDS-74385-45A-SMT Datasheet
459Kb / 5P
ROTARY DIP SWITCH
RDS-1045-SMT CUI-RDS-1045-SMT Datasheet
393Kb / 5P
ROTARY DIP SWITCH
RDS-1055 CUI-RDS-1055 Datasheet
336Kb / 4P
ROTARY DIP SWITCH
RDS-7229-ASMT CUI-RDS-7229-ASMT Datasheet
777Kb / 8P
ROTARY DIP SWITCH
12/11/2020
logo
List of Unclassifed Man...
FR02 ETC-FR02 Datasheet
2Mb / 7P
dip rotary switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com