Electronic Components Datasheet Search
  English  ▼

X  

F32K Datasheet(PDF) 1 Page - Fox Electronics

Part # F32K
Description  HCMOS 32.768kHz SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F32K Datasheet(HTML) 1 Page - Fox Electronics

  F32K Datasheet HTML 1Page - Fox Electronics F32K Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2010 FOX ELECTRONICS | ISO9001:2000 Certified
Frequency
Stability
-90 ~ +10PPM
- 140 ~ +10PPM
Operating
Temperature (ºC)
-20 ~ +70
-40 ~ +85
Frequency
(kHz)
32.768
F32K
Model
Number
Part Number
828-Frequency-xxxxx
• PART NUMBER SELECTION Learn More - Internet Required
1 An internal pullup resistor from pin 1 to pin 4 allows active operation if pin 1 is left open.
Note: A 0.01µF bypass capacitor should be placed between Vdd (Pin 4) and GND (Pin 2) to
minimize power supply line noise.
The above specifications, having been carefully prepared and checked, is believed to be accurate
at the time of publication; however, no responsibility is assumed by Fox Electronics for inaccura-
cies. All specifications subject to change without notice.
32.768 kHz
-40ºC ~ +85ºC
-55ºC ~ +125ºC
+5 ± 20 PPM
-90 ~ +10 PPM
-140 ~ +10 PPM
3.3V ± 10%(Std.)
1.5V ~ 5.5V (Usable)
1.5 µA
40% ~ 60%
200nS
200nS
0.4V
Vdd
-0.4V Min
15 pF
1S
260ºC / 10 Seconds
1
Au
PARAMETERS
Frequency Range
(Fo)
Temperature Range
Operating (Topr)
Storage (Tstg)
Frequency Tolerance @ 25ºC
Frequency Stability (ref @ +25ºC)
-20ºC ~ +70ºC
-40ºC ~ +85ºC
Supply Voltage
(Vdd)
Input Current
(Idd) (no load)
Output Symmety (50% Vdd)
Rise Time (10% ~ 90% Vdd) (Tr)
Fall Time (90% ~ 10% Vdd) (Tf)
Output Voltage (CL = 15pF, Ta = +25ºC)
(Vol)
(Voh)
Output Load
(HCMOS)
Start-up Time
(Ts)
(VDD) = 1.5V ~ 5.5V, ta = -40ºC ~ +85ºC)
Maximum Soldering Temp / Time
Moisture Sensitivity level (MSL)
Termination Finish:
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
HCMOS 32.768kHz SMD Oscillator
Rev. 5/28/2010
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F32K
Page 1 of 2
3.2 ± 0.1
1.0 Max
Solder Pad Layout
Recommended
2.5 ± 0.1
1.2
1.0
1.0
Pin Connections
#1 E/D
#2 GND
#3 Output
#4 V DD
0.75
#1
#2
#4
#3
#1
#4
#3
#2
Top
View
Bottom
View
Dot denotes
Pin 1
1.3
1.1
1.0
0.8
All dimensions are in millimeters.
#1
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• ENABLE / DISABLE FUNCTION
(Pin 1)
OPEN 1
'1' Level Vih
≥ 80% Vdd
'0' Level Vil
≤ 20% Vdd


Similar Part No. - F32K

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F32K FOX-F32K Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
F32K-327 FOX-F32K-327 Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
More results

Similar Description - F32K

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F254 FOX-F254 Datasheet
198Kb / 2P
HCMOS 32.768kHz 4x2.5mm SMD Oscillator
FK335 FOX-FK335 Datasheet
80Kb / 1P
HCMOS 3.3V 32.768kHz SMD Oscillator
FK235 FOX-FK235 Datasheet
439Kb / 1P
HCMOS 3.3V 32.768kHz SMD Oscillator
FK245 FOX-FK245 Datasheet
439Kb / 1P
HCMOS 2.5V 32.768kHz SMD Oscillator
FK345 FOX-FK345 Datasheet
431Kb / 1P
HCMOS 2.5V 32.768kHz SMD Oscillator
F32K-327 FOX-F32K-327 Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
FOX465 FOX-FOX465 Datasheet
390Kb / 2P
HCMOS 32.768kHz SMD Crystal Oscillator
logo
Advanced Crystal Techno...
9300WC ACT-9300WC Datasheet
196Kb / 2P
Clock oscillator 32.768kHz, 5.0 x 3.2mm, HCMOS
1/2/2017
9325AWC ACT-9325AWC Datasheet
193Kb / 2P
Clock oscillator 32.768kHz, 3.2 x 2.5mm, HCMOS
1/2/2017
logo
Fox Electronics
O3HK FOX-O3HK Datasheet
263Kb / 5P
HCMOS 32.768kHz 3.2x2.5mm Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com