Electronic Components Datasheet Search
  English  ▼

X  

KA35S281 Datasheet(PDF) 3 Page - Kasin Electronics Corporation

Part # KA35S281
Description  Lead-Acid Battery Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KASIN [Kasin Electronics Corporation]
Direct Link  http://www.kasincorp.com
Logo KASIN - Kasin Electronics Corporation

KA35S281 Datasheet(HTML) 3 Page - Kasin Electronics Corporation

  KA35S281 Datasheet HTML 1Page - Kasin Electronics Corporation KA35S281 Datasheet HTML 2Page - Kasin Electronics Corporation KA35S281 Datasheet HTML 3Page - Kasin Electronics Corporation KA35S281 Datasheet HTML 4Page - Kasin Electronics Corporation KA35S281 Datasheet HTML 5Page - Kasin Electronics Corporation KA35S281 Datasheet HTML 6Page - Kasin Electronics Corporation KA35S281 Datasheet HTML 7Page - Kasin Electronics Corporation KA35S281 Datasheet HTML 8Page - Kasin Electronics Corporation KA35S281 Datasheet HTML 9Page - Kasin Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
KA35S280/281
Lead-Acid Battery Charger
2011 Nov 18
© 2011
Kasin Technology Inc.
3
Ordering information:
Table 1. Ordering information
Type Number
Package
Temperature Range
Pins
Package
Material
Code
KA35S280-DN
-20°C to +85°C
14
DIP14
Plastic
SOT27-1
KA35S280-DI
-40°C to +125°C
14
DIP14
Plastic
SOT27-1
KA35S280-SN
-20°C to +85°C
14
SO14
Plastic
SOT108-1
KA35S280-SI
-40°C to +125°C
14
SO14
Plastic
SOT108-1
KA35S281-DN
-20°C to +85°C
14
DIP14
Plastic
SOT27-1
KA35S281-DI
-40°C to +125°C
14
DIP14
Plastic
SOT27-1
KA35S281-SN
-20°C to +85°C
14
SO14
Plastic
SOT108-1
KA35S281-SI
-40°C to +125°C
14
SO14
Plastic
SOT108-1
Pinning information
-
Pining
Cyclic/Float
Faster
MS1
MS0
SW
V
DD
TEMP
6
5
4
3
2
1
7
I
SNS
V
BAT
V
SS
9
10
11
12
13
14
8
KA35S28X
LED0
LED1
LED2
LED3
Figure 1 - Pin configuration
-
Pin description
Table 2
– pin Description
Symbol
Pin
Description
VDD
1
5.0V±10% power
SW
2
PWM Control Output
MS0
3
Mode Select 0
MS1
4
Mode Select 1
Faster
5
25% Faster Charging
Cyclic
/
Float
6
Select Between Cyclic and Float Applications
TEMP
7
Temperature Sense Input
LED3
8
Charge status output 3
LED2
9
Charge status output 2
LED1
10
Charge status output 1
LED0
11
Charge status output 0
ISNS
12
Current Sense Input
VBAT
13
Battery Voltage Sense Input
VSS
14
System Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com