Electronic Components Datasheet Search
  English  ▼

X  

ICE2PCS02 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # ICE2PCS02
Description  Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM) with Input Brown-Out Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2PCS02 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button ICE2PCS02 Datasheet HTML 9Page - Infineon Technologies AG ICE2PCS02 Datasheet HTML 10Page - Infineon Technologies AG ICE2PCS02 Datasheet HTML 11Page - Infineon Technologies AG ICE2PCS02 Datasheet HTML 12Page - Infineon Technologies AG ICE2PCS02 Datasheet HTML 13Page - Infineon Technologies AG ICE2PCS02 Datasheet HTML 14Page - Infineon Technologies AG ICE2PCS02 Datasheet HTML 15Page - Infineon Technologies AG ICE2PCS02 Datasheet HTML 16Page - Infineon Technologies AG ICE2PCS02 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
CCM-PFC
ICE2PCS02/G
Electrical Characteristics
Version 2.4
13
22 Mar 2010
4
Electrical Characteristics
4.1
Absolute Maximum Ratings
Note:
Absolute maximum ratings are defined as ratings, which when being exceeded may lead to destruction
of the integrated circuit.
4.2
Operating Range
Note:
Within the operating range the IC operates as described in the functional description.
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
VCC Supply Voltage
VCC
-0.3
25
V
VINS Voltage
VVINS
-0.3
9.5
V
3)
VINS Current
IINS
-1
35
uA
ICOMP Voltage
V
ICOMP
-0.3
5
V
ISENSE Voltage
V
ISENSE
-20
5
V
2)
ISENSE Current
I
ISENSE
-1
1
mA
Recommended R2=220
W
VSENSE Voltage
V
VSENSE
-0.3
5
V
VSENSE Current
I
VSENSE
-1
1
mA
R3>400k
W
VCOMP Voltage
V
VCOMP
-0.3
5
V
GATE Voltage
V
GATE
-0.3
17
V
Clamped at 15V(typ)
if driven internally.
Junction Temperature
Tj
-40
150
°C
Storage Temperature
TS
-55
150
°C
Thermal Resistance
Junction-Ambient for PG-DSO-8
RthJA (DSO)
-
185
K/W
PG-DSO-8
Thermal Resistance
Junction-Ambient for PG-DIP-8
RthJA(DIP)
-
90
K/W
PG-DIP-8
ESD Protection
V
ESD
-
2
kV
Human Body Model
1)
1)
According to EIA/JESD22-A114-B (discharging a 100pF capacitor through a 1.5k
W series resistor)
2)
Absolute ISENSE current should not be exceeded
3)
Absolute VINS current should not be exceeded
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
VCC Supply Voltage
VCC
V
CCUVLO
25
V
Junction Temperature
TJCon
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com