Electronic Components Datasheet Search
  English  ▼

X  

SL6360FRL Datasheet(PDF) 2 Page - Sensitron

Part # SL6360FRL
Description  THREE PHASE FULL WAVE ULTRAFAST BRIDGE RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SL6360FRL Datasheet(HTML) 2 Page - Sensitron

  SL6360FRL Datasheet HTML 1Page - Sensitron SL6360FRL Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2012 Sensitron Semiconductor 221 West Industry Court  Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798 www.sensitron.com sales@sensitron.com
SENSITRON
TECHNICAL DATA
DATA SHEET 5338, REV -
MECHANICAL DIMENSIONS: In Inches / mm
Note: Case finish - Black Anodized
SL6360FRL
AC AC AC
AC AC AC
+
–
1.14
1.10
(28.96
27.94)
1.01
0.99
(25.65
25.15)
.50 (12.7)Min
.043
.037
(1.09
.940)
.20
.16
(5.08
4.06)
.100 (2.54)Max
.27
.23
(6.86
5.84)
.77
.73
(19.56
18.54)
.18
.14
(4.57
3.56)
.635
.615
(16.13
15.62)
2-56 UNC 4 Places
Min 6 Full T hreads
Dia.
–
+
FIG. 405A
DISCLAIMER:
1- The information given herein, including the specifications and dimensions, is subject to change without prior notice to improve product
characteristics. Before ordering, purchasers are advised to contact the Sensitron Semiconductor sales department for the latest version of the
datasheet(s).
2- In cases where extremely high reliability is required (such as use in nuclear power control, aerospace and aviation, traffic equipment, medical
equipment , and safety equipment) , safety should be ensured by using semiconductor devices that feature assured safety or by means of
users’ fail-safe precautions or other arrangement .
3- In no event shall Sensitron Semiconductor be liable for any damages that may result from an accident or any other cause during operation of
the user’s units according to the datasheet(s). Sensitron Semiconductor assumes no responsibility for any intellectual property claims or any
other problems that may result from applications of information, products or circuits described in the datasheets.
4- In no event shall Sensitron Semiconductor be liable for any failure in a semiconductor device or any secondary damage resulting from use at
a value exceeding the absolute maximum rating.
5- No license is granted by the datasheet(s) under any patents or other rights of any third party or Sensitron Semiconductor.
6- The datasheet(s) may not be reproduced or duplicated, in any form, in whole or part, without the expressed written permission of Sensitron
Semiconductor.
7- The products (technologies) described in the datasheet(s) are not to be provided to any party whose purpose in their application will hinder
maintenance of international peace and safety nor are they to be applied to that purpose by their direct purchasers or any third party. When
exporting these products (technologies), the necessary procedures are to be taken in accordance with related laws and regulations.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com