Electronic Components Datasheet Search
  English  ▼

X  

TLE7250G Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE7250G
Description  High Speed CAN Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250G Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE7250G Datasheet HTML 9Page - Infineon Technologies AG TLE7250G Datasheet HTML 10Page - Infineon Technologies AG TLE7250G Datasheet HTML 11Page - Infineon Technologies AG TLE7250G Datasheet HTML 12Page - Infineon Technologies AG TLE7250G Datasheet HTML 13Page - Infineon Technologies AG TLE7250G Datasheet HTML 14Page - Infineon Technologies AG TLE7250G Datasheet HTML 15Page - Infineon Technologies AG TLE7250G Datasheet HTML 16Page - Infineon Technologies AG TLE7250G Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TLE7250G
General Product Characteristics
Data Sheet
13
Rev. 1.0, 2012-03-01
6.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the associated electrical characteristics table.
6.3
Thermal Characteristics
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information,
please visit www.jedec.org.
Table 4
Operating Range
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Supply Voltage
6.2.1
Transceiver supply voltage
VCC
4.75
5.25
V
–
Thermal Parameter
6.2.2
Junction temperature
T
J
-40
150
°C
1)
1) Not subject to production test, specified by design
Table 5
Thermal Resistance1)
1) Not subject to production test, specified by design
Pos.
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Typ.
Max.
Thermal Resistance
6.3.1
Junction to ambient1)
R
thJA
–130
–
K/W
2)
2) The
R
thJA value specified, is according to Jedec JESD51-2,-7 at natural convection on the FR4 2s2p board; The product
(TLE7250G) was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70 µm Cu, 2 x 35 µm Cu).
Thermal Shut-down Junction Temperature
6.3.2
Thermal shut-down
temperature.
T
JSD
150
175
200
°C
–
6.3.3
Thermal shut-down
hysteresis
∆T–
10
–
K
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com