Electronic Components Datasheet Search
  English  ▼

X  

TLE42764GV Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE42764GV
Description  Low Dropout Linear Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42764GV Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE42764GV Datasheet HTML 9Page - Infineon Technologies AG TLE42764GV Datasheet HTML 10Page - Infineon Technologies AG TLE42764GV Datasheet HTML 11Page - Infineon Technologies AG TLE42764GV Datasheet HTML 12Page - Infineon Technologies AG TLE42764GV Datasheet HTML 13Page - Infineon Technologies AG TLE42764GV Datasheet HTML 14Page - Infineon Technologies AG TLE42764GV Datasheet HTML 15Page - Infineon Technologies AG TLE42764GV Datasheet HTML 16Page - Infineon Technologies AG TLE42764GV Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TLE42764
Electrical Characteristics
Data Sheet
13
Rev. 1.2, 2010-04-28
5.3
Electrical Characteristics Enable Function
The Enable Function allows disabling/enabling the regulator via the input pin EN. The regulator is turned on in
case the pin EN is connected to a voltage higher than VEN,H. This can be e.g. the battery voltage, whereby no
additional pull-up resistor is needed. The regulator can be turned off by connecting the pin EN to a voltage less
than VEN,L, e.g. GND.
5.4
Typical Performance Characteristics Enable Function
Table 5
Electrical Characteristics Enable
V
I =13.5 V; T
j = -40 °C to 150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Measuring Condition
Min.
Typ.
Max.
5.3.16
High Level Input Voltage
V
EN,H
3.5
––V
V
Q ≥ 4.9 V
5.3.17
Low Level Input Voltage
V
EN,L
––
0.5
V
V
Q ≤ 0.1 V
5.3.18
High Level Input Current
I
EN,H
5
1020µA
V
EN = 5 V
Enabled Input Current
I
EN versus
Input Voltage
V
I , EN=Off
Enabled Input Current
I
EN versus
Enabled Input Voltage
V
EN
09_IEN_VI.VSD
0
100
200
300
400
500
600
0
1020
3040
V I [V]
T
j = 150 °C
V
EN = 0.5 V
V
EN = 0.3 V
V
EN = 0.1 V
10_IEN_VEN.VSD
0
10
20
30
40
50
60
70
80
0
10
203040
V EN [V]
T
j = 150 °C
T
j = -40 °C
T
j = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com