Electronic Components Datasheet Search
  English  ▼

X  

2T2KF Datasheet(PDF) 1 Page - Semtech Corporation

Part # 2T2KF
Description  2KV Diode, Axial Leaded Fast Recovery Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

2T2KF Datasheet(HTML) 1 Page - Semtech Corporation

  2T2KF Datasheet HTML 1Page - Semtech Corporation 2T2KF Datasheet HTML 2Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER DISCRETES
1
www.semtech.com
2T2KF
2KV Diode, Axial Leaded
Fast Recovery Rectifier Diodes
Features
Revision: April 2011
Quick reference data
V
R = 2000V
I
R
= 1uA
t
rr
= 150ns
V
F = 3.5V at IF = 2A
Low reverse leakage current
Hermetically sealed.
Good thermal shock resistance
Low forward voltage drop
Metallurgically bonded, CAT 1 Bond.
Electrical Specifications
Electrical specifications @ T
A = 25°C unless otherwise specified.
e
c
i
v
e
D
s
e
p
y
T
V
m
w
r
V
F
t
a
A
2
=
o
I
I
o
t
a
T
A
C
°
5
2
+
=
I
o
t
a
T
A
C
°
5
5
+
=
I
o
t
a
T
A
C
°
0
0
1
+
=
I
M
S
F
t
a
s
m
3
.
8
I
R
e
s
r
e
v
e
R
t
n
e
r
r
u
C
C
D
I
R
e
s
r
e
v
e
R
t
n
e
r
r
u
C
C
D
C
°
0
0
1
+
t
a
t
r
r
R θθθθθ
L
J
=
h
t
g
n
e
L
d
a
e
L
"
5
7
3
.
0
V
V
A
A
A
A
A
µ
A
µ
s
n
W
/
C
F
K
2
T
2
0
0
0
2
V
5
.
3
2
5
7
.
1
5
2
.
1
0
8
1
5
2
0
5
1
0
2
Description
Notes:
Operating Temperature: -65
°C to +150°C.
Storage Temperature: -65
°C to +175°C.
Figure 1. Vf drop as a function of If current at 25C
If v s Vf
0
1
2
3
4
5
6
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
Vf(volts)


Similar Part No. - 2T2KF

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
2T20X4 ECE-2T20X4 Datasheet
689Kb / 2P
Stepping Motor
logo
Texas Instruments
2T25-50QFRG4Q1 TI1-2T25-50QFRG4Q1 Datasheet
236Kb / 14P
PROCESSOR SUPERVISORY CIRCUITS
JUNE 2008
2T25-50QFRG4Q1 TI1-2T25-50QFRG4Q1 Datasheet
280Kb / 15P
PROCESSOR SUPERVISORY CIRCUITS
2T25-50QFRG4Q1 TI1-2T25-50QFRG4Q1 Datasheet
1Mb / 24P
Voltage Monitor With Watchdog Timer
logo
EXCEL CELL ELECTRONIC C...
2T2534 ECE-2T2534 Datasheet
693Kb / 2P
Stepping Motor
More results

Similar Description - 2T2KF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4942 SEMTECH-1N4942 Datasheet
91Kb / 2P
Axial Leaded Hermetically Sealed Fast Recovery Rectifier Diodes
1N6620 SEMTECH-1N6620 Datasheet
37Kb / 3P
Axial Leaded Hermetically Sealed Ultra Fast Recovery Rectifier Diode
logo
SUNMATE electronic Co.,...
BYV37 SUNMATE-BYV37 Datasheet
131Kb / 2P
2.0A Axial Leaded Fast Recovery Rectifier
BYW32 SUNMATE-BYW32 Datasheet
111Kb / 2P
2.0A Axial Leaded Fast Recovery Rectifier
MUR410 SUNMATE-MUR410 Datasheet
195Kb / 2P
4.0A Axial Leaded Ultra-Fast Recovery Rectifier Diodes
SF11 SUNMATE-SF11 Datasheet
107Kb / 2P
1.0A Axial Leaded Super Fast Rectifier Diodes
SF31 SUNMATE-SF31 Datasheet
135Kb / 2P
3.0A Axial Leaded Super Fast Rectifier Diodes
SF51 SUNMATE-SF51 Datasheet
176Kb / 2P
5.0A Axial Leaded Super Fast Rectifier Diodes
TVR4J SUNMATE-TVR4J Datasheet
123Kb / 2P
2.0A Axial Leaded Fast Recovery Rectifier
PG1010 SUNMATE-PG1010 Datasheet
297Kb / 2P
AXIAL LEADED RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com