Electronic Components Datasheet Search
  English  ▼

X  

SC403B Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC403B
Description  6A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC403B Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC403B Datasheet HTML 13Page - Semtech Corporation SC403B Datasheet HTML 14Page - Semtech Corporation SC403B Datasheet HTML 15Page - Semtech Corporation SC403B Datasheet HTML 16Page - Semtech Corporation SC403B Datasheet HTML 17Page - Semtech Corporation SC403B Datasheet HTML 18Page - Semtech Corporation SC403B Datasheet HTML 19Page - Semtech Corporation SC403B Datasheet HTML 20Page - Semtech Corporation SC403B Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
17
SC403B
Note that this control method regulates the valley of the
output ripple voltage, not the DC value. The DC output
voltage V
OUT is offset by the output ripple according to the
following equation.
2
V
R
R
1
V
V
RIPPLE
2
1
FB
OUT
When a large capacitor is placed in parallel with R1 (C
TOP)
V
OUT is shown by the following equation.
2
TOP
1
2
1
2
2
TOP
1
RIPPLE
2
1
FB
OUT
C
R
R
R
R
1
)
C
R
(
1
2
V
R
R
1
V
V
Enable and Power Save Input
The EN/PSV input is used to enable or disable the switch-
ing regulator. When EN/PSV is low (grounded), the switch-
ing regulator is off and in its lowest power state. When off,
the output of the switching regulator soft-discharges the
output into a 15Ω internal resistor via the V
OUT pin. When
EN/PSV is allowed to float, the pin voltage will float to 33%
of the voltage at VDD. The switching regulator turns on
with PSAVE (power save) disabled and all switching is in
forced continuous mode.
When EN/PSV is high (above 45% of the voltage at VDD),
the switching regulator turns on with power-save
enabled.
Forced Continuous Mode Operation
The SC403B operates the switcher in FCM (Forced
Continuous Mode) by floating the EN/PSV pin (see Figure
4). In this mode one of the power MOSFETs is always on,
with no intentional dead time other than to avoid cross-
conduction. This feature results in uniform frequency
across the full load range with the trade-off being poor
efficiency at light loads due to the high-frequency switch-
ing of the MOSFETs. DH is the gate signal driving the
upper MOSFET. DL is the lower gate signal driving the
lower MOSFET.
FB Ripple
Voltage (VFB)
FB threshold
DL
DH
Inductor
Current
DC Load Current
DH on-time is triggered when
VFB reaches the FB Threshold.
On-time
(TON)
DL drives high when on-time is completed.
DL remains high until VFB falls to the FB threshold.
Figure 4 — Forced Continuous Mode Operation
Power-save Operation
The SC403B provides power-save operation at light loads
with no minimum operating frequency. With power-save
enabled, the internal zero crossing comparator monitors
the inductor current via the voltage across the low-side
MOSFET during the off-time. If the inductor current falls to
zero for 8 consecutive switching cycles, the controller
enters power-save operation. It will turn off the low-side
MOSFET on each subsequent cycle provided that the
current crosses zero. At this time both MOSFETs remain off
until V
FB drops to the 600mV threshold. Because the
MOSFETs are off, the load is supplied by the output
capacitor.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com