Electronic Components Datasheet Search
  English  ▼

X  

SC508A Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC508A
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC508A Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC508A Datasheet HTML 13Page - Semtech Corporation SC508A Datasheet HTML 14Page - Semtech Corporation SC508A Datasheet HTML 15Page - Semtech Corporation SC508A Datasheet HTML 16Page - Semtech Corporation SC508A Datasheet HTML 17Page - Semtech Corporation SC508A Datasheet HTML 18Page - Semtech Corporation SC508A Datasheet HTML 19Page - Semtech Corporation SC508A Datasheet HTML 20Page - Semtech Corporation SC508A Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
SC508/SC508A
17
FB
threshold
High-side
Drive (DH)
Low-side
Drive (DL)
VOUT drifts up to due to leakage
current flowing into COUT
DH and DL off
DL turns on when Smart
PSAVE threshold is reached
Smart Power Save
Threshold
DL turns off when FB
threshold is reached
Single DH on-time pulse
after DL turn-off
VOUT discharges via inductor
and low-side MOSFET
Normal DL pulse after DH
on-time pulse
Normal VOUT ripple
Figure 8 — Smart Power-Save
SmartDriveTM
For each DH pulse, the DH driver initially turns on the
high-side MOSFET at a slower speed, allowing a softer,
smooth turn-off of the low-side diode. Once the diode is
off and the LX voltage has risen 0.8V above PGND, the
SmartDrive circuit automatically drives the high-side
MOSFET on at a rapid rate. This technique reduces switch-
ing noise while maintaining high efficiency, reducing the
need for snubbers.
Enable Input for Switching Regulator
The EN input is a logic level input. When EN is low
(grounded), the switching regulator is off and in its lowest
power state. When EN is low and VDDA is above the VDDA
UVLO threshold, the output of the switching regulator
soft-discharges into the VOUT pin through an internal
2kΩ resistor. When EN is a logic high (>1V) the switching
regulator is enabled.
The EN input has internal resistors — 2MΩ pullup to
VDDA, and a 1MΩ pulldown to AGND. These resistors will
normally cause the EN voltage to be near the logic high
trip point as VDDA reaches the VDDA UVLO threshold.
To prevent undesired toggling of EN and erratic start-up
performance, the EN pin should not be allowed to float as
open-circuit.
Note that the LDO enable pin (ENL) can also disable the
switching regulator through the V
IN UVLO function. Refer
to the ENL Pin and V
IN UVLO section.
Current Limit Protection
The SC508 features programmable current limiting, which
is accomplished using the RDS
(ON) of the lower MOSFET for
current sensing. The current limit is set by R
LIM resistor
which connects from the ILIM pin to the drain of the low-
side MOSFET. When the low-side MOSFET is on, an internal
10μA current flows from the ILIM pin and through the R
LIM
resistor, creating a voltage drop across the resistor. While
the low-side MOSFET is on, the inductor current flows
through it and creates a voltage across the RDS
(ON). The
voltage across the MOSFET is negative with respect to
PGND. If this MOSFET voltage drop exceeds the voltage
across R
LIM, the voltage at the ILIM pin will be negative and
current limit will activate. The current limit then keeps the
low-side MOSFET on and prevents another high-side on-
time, until the current in the low-side MOSFET reduces
enough to bring the ILIM pin voltage up to zero. This
method regulates the inductor valley current at the level
shown by I
LIM in Figure 9.
Time
IPEAK
ILOAD
ILIM
Figure 9 — Valley Current Limit
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com