Electronic Components Datasheet Search
  English  ▼

X  

2N2018 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 2N2018
Description  NPN SWITCHING TRANSISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

2N2018 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  2N2018 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2N2018

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N2013 NJSEMI-2N2013 Datasheet
80Kb / 1P
SCR, V(DRM) = 300 V TO 399.9 V
2N2015 NJSEMI-2N2015 Datasheet
166Kb / 2P
20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
logo
List of Unclassifed Man...
2N2015 ETC1-2N2015 Datasheet
2Mb / 6P
GERMANIUM PNP TRANSISTORS
2N2016 ETC1-2N2016 Datasheet
2Mb / 6P
GERMANIUM PNP TRANSISTORS
logo
Central Semiconductor C...
2N2017 CENTRAL-2N2017 Datasheet
55Kb / 1P
SMALL SIGNAL TRANSISTORS
More results

Similar Description - 2N2018

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N2222 PHILIPS-2N2222 Datasheet
53Kb / 8P
NPN switching transistors
1997 May 29
BCY58 PHILIPS-BCY58 Datasheet
50Kb / 8P
NPN switching transistors
1997 Jun 17
BSW66A PHILIPS-BSW66A Datasheet
53Kb / 8P
NPN switching transistors
1997 May 05
PMBT2222 PHILIPS-PMBT2222 Datasheet
46Kb / 8P
NPN switching transistors
1999 Apr 27
PN2369 PHILIPS-PN2369 Datasheet
45Kb / 8P
NPN switching transistors
1999 Apr 14
logo
Guangdong Kexin Industr...
BSR17A KEXIN-BSR17A Datasheet
45Kb / 2P
NPN Switching Transistors
logo
NXP Semiconductors
PMBT2222 NXP-PMBT2222 Datasheet
152Kb / 8P
NPN switching transistors
2004 Jan 22
logo
Micro Commercial Compon...
2N2222 MCC-2N2222 Datasheet
238Kb / 3P
NPN Switching Transistors
logo
Comset Semiconductor
2N5681 COMSET-2N5681 Datasheet
79Kb / 3P
NPN SWITCHING TRANSISTORS
logo
Nexperia B.V. All right...
BSR13 NEXPERIA-BSR13 Datasheet
376Kb / 9P
NPN switching transistors
2004 Jan 13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com