Electronic Components Datasheet Search
  English  ▼

X  

SX8663 Datasheet(PDF) 58 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 58 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 54Page - Semtech Corporation SX8663 Datasheet HTML 55Page - Semtech Corporation SX8663 Datasheet HTML 56Page - Semtech Corporation SX8663 Datasheet HTML 57Page - Semtech Corporation SX8663 Datasheet HTML 58Page - Semtech Corporation SX8663 Datasheet HTML 59Page - Semtech Corporation SX8663 Datasheet HTML 60Page - Semtech Corporation SX8663 Datasheet HTML 61Page - Semtech Corporation SX8663 Datasheet HTML 62Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
58
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
6.6.1
SPM Write Sequence
The SPM must always be written in blocks of 8 bytes. The sequence is described below:
1. Set the I2C in SPM mode by writing “01” to SpmCfg[5:4] and SPM write access by writing ‘0’ to SpmCfg[3].
2. Write the SPM base address to SpmBaseAddr (The base address needs to be a value modulo 8).
3. Write the eight consecutive bytes to I2C address 0, 1, 2, …7
4. Terminate by writing “000” to SpmCfg[5:3].
Figure 51
SPM write sequence
The complete SPM can be written by repeating 16 times the cycles shown in Figure 51 using base addresses
0x00, 0x08, 0x10,…0x70, 0x78.
Once the SPM write sequence is actually applied, the INTB pin will be asserted. The host clears the interrupt by
reading any I2C register. At the same time the bit GenStatMsb[6], indicating the SPM write is done, will be
cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com