Electronic Components Datasheet Search
  English  ▼

X  

M12 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # M12
Description  Field Attachable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

M12 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  M12 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CONEC ▪ 343 Technology Drive ▪ Garner, NC ▪ 919-460-8800 ▪ www.conec.com
Technical Specifications
Applications
For additional information regarding this product contact the Conec technical
support staff: Peter Persico 919-460-8800 (ppersico@conec.com).
M12 Field Attachable
•
Rated Voltage: 4-pos 250V; 5-pos 60V
•
Current Rating: 4 Amps at +40º C
•
Pollution Degree 3/2
•
Insulation Resistance: 10 G
•
Temperature Range: -30ºC to +85ºC
•
Mating Cycles: ≤100
•
18 AWG
Material & Finishes:
•
Contact: Copper alloy; gold over nickel
•
Contact carrier: PA6, UL94
•
Housing: PA6 GF, UL94 (std)
Shielded: Die Cast, nickel plated
•
Coupling Nut: Stainless steel
•
O-ring: FPM
•
Industrial Automation
•
Food & Beverage
•
Assembly & Handling Equipment
•
Motion Controls
•
Machine Tool Plants
•
Automotive
•
Robotics
•
Packaging Equipment
Features and Benefits
•
IP67 in mated condition
•
High performance machined contacts
•
Anti-vibration coupling nut
•
Shielded or un-shielded
•
Straight & right angle male or female versions
•
4 & 5 position
•
Screw type or clamp termination
•
Cable diameter 6 or 8 mm
•
Rugged and easy to assemble
Field attachable connectors from CONEC provides the freedom and flexibility to react to
any cabling situation on site. Choose between shielded or un-shielded , straight or angled
versions. Built in accordance with IEC specifications.


Similar Part No. - M12

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
M12 MEDER-M12 Datasheet
104Kb / 1P
Magnet
logo
Cynergy3 Co
M12 CYNERGY3-M12 Datasheet
65Kb / 1P
Cables for sensors with M12 round connection
logo
TE Connectivity Ltd
M12 TEC-M12 Datasheet
2Mb / 2P
FIELD INSTALLABLE CONNECTORS
logo
Banner Engineering Corp...
M12 BANNER-M12 Datasheet
939Kb / 6P
M12 Class 1 Laser Emitter
logo
MOSDESIGN SEMICONDUCTOR...
M12 MOSDESIGN-M12 Datasheet
22Kb / 1P
12 KEYS PIANO 8/12 DEMO TUNES
2004-03-04
More results

Similar Description - M12

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
889D-F4DC-H ALLEN-BRADLEY-889D-F4DC-H Datasheet
75Kb / 1P
Field Attachable Connectors
logo
Balluff Korea Ltd.
BCC0A05 BALLUFF-BCC0A05 Datasheet
97Kb / 1P
Field-Attachable Connectors
0.62_2022-07-16
BCC0ATC BALLUFF-BCC0ATC Datasheet
101Kb / 1P
Field-Attachable Connectors
0.72_2022-07-16
BCC0E7N BALLUFF-BCC0E7N Datasheet
94Kb / 2P
Field-Attachable Connectors
0.72_2022-07-16
BCC00UP BALLUFF-BCC00UP Datasheet
108Kb / 1P
Field-Attachable Connectors
0.5_2022-07-16
BCC0K86 BALLUFF-BCC0K86 Datasheet
166Kb / 1P
Field-Attachable Connectors
0.63_2022-08-01
BCC0KRT BALLUFF-BCC0KRT Datasheet
93Kb / 1P
Field-Attachable Connectors
0.45_2022-07-15
BCC02HC BALLUFF-BCC02HC Datasheet
93Kb / 2P
Field-Attachable Connectors
2022-07-16
BCC02HE BALLUFF-BCC02HE Datasheet
91Kb / 2P
Field-Attachable Connectors
2022-07-16
BCC03Y2 BALLUFF-BCC03Y2 Datasheet
105Kb / 2P
Field-Attachable Connectors
2022-07-16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com