Electronic Components Datasheet Search
  English  ▼

X  

MMP350-M Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # MMP350-M
Description  Panduit Permanent Identification System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MMP350-M Datasheet(HTML) 2 Page - PANDUIT CORP.

  MMP350-M Datasheet HTML 1Page - PANDUIT CORP. MMP350-M Datasheet HTML 2Page - PANDUIT CORP. MMP350-M Datasheet HTML 3Page - PANDUIT CORP. MMP350-M Datasheet HTML 4Page - PANDUIT CORP. MMP350-M Datasheet HTML 5Page - PANDUIT CORP. MMP350-M Datasheet HTML 6Page - PANDUIT CORP. MMP350-M Datasheet HTML 7Page - PANDUIT CORP. MMP350-M Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Permanent Identification Systems
Prime items appear in BOLD
Permanent Identification Systems
Permanent Identification System
Permanent Identification System
Portable embossing system
Easily moved from job site to job site; the system creates raised characters
on stainless steel and aluminum marker plates, to deliver maximum visibility
for applications that are exposed to dirt and paint
Metal indenting machine
Stable bench top tool safely indents on marker plates, tags, ties and straps
to provide quick identification
Easy feed cable tie slot
Self-locking cable tie design
Reduces the number of installation steps required to provide lowest
installed cost
Raised slot provides easy cable tie insertion to speed installation
(available on select marker plates)
Smooth surfaces and rounded edges
Protects the cable bundle and the installer for improved productivity,
job site safety, and reliability
Stainless Steel and Aluminum Marker Plates, Tags, and Cable Ties
Flexible, lightweight material
and color options of aluminum
marker plates and cable ties
Easy to handle for improved productivity and provides quick visual
identification for a wide range of applications
Smooth cable tie cut-off
Eliminates burrs and sharp edges after installation to protect installer
and adjacent bundles
2
3
Panduit offers the largest selection of permanent identification systems to meet the demands
of your specific applications – enabling reliable, safe, and efficient identification throughout
the physical infrastructure.
On-Site Custom Marking Tools
Metal embossing hand tool
and tape system (MEHT187)
New multi-functional cutting die design creates embossed marker plates with
raised cable tie slot in one step instead of three, for faster installation
Lightweight and portable, easily moves from one job site to another; this
system embosses 3/16" characters onto stainless steel or aluminum tape,
to improve visibility in applications that are subjected to dirt or paint
Key Features
Benefits
Factory custom marking service
Rapid shipment worldwide
Provides quick product availability to the job site to keep projects on schedule
Embossing capability
Creates raised characters for maximum visibility in applications that are
exposed to dirt and paint
Laser etching capability
Provides crisp, high quality text and graphics for improved visibility
Creates embossed or laser etched metal plates, tags, and ties to speed
installation time and reduce labor costs
Panduit Factory Custom Marking Service
Panduit Factor y Custom Marking Ser vice
Embossing Service
Laser Etching Service
■ Used on rectangular metal marker plates
and tags which are a maximum of .020 inches
(.5mm) thick, and minimum .038 inches
(10mm) width
■ Excellent for applications that are exposed
to dirt and paint
■ Upper case “raised” characters
■ Alphanumeric and sequential numbering
■ Used on all metal marker plates, tags,
and cable ties
■ BOLD block letters
■ Upper and lower case character capability
■ Ability to create text and graphics
■ Alphanumeric and sequential numbering
Panduit factory custom marking service simplifies identification with high quality, made-to-order custom embossed
marker plates and tags or laser etched cable ties, marker plates, and tags. Panduit offers rapid direct shipment
with fast turn around on custom marking orders worldwide. Work with Panduit to create an effectively
identified infrastructure.
Online
form!
Use the online order form located at www.panduit.com/permanentid to:
■ Receive support on selecting the proper marker plate or tag best suited for your application
■ Obtain answers to frequently asked questions
■ Gain knowledge on the various material options available
■ Attach your custom legend template directly to your order
Once completed, email your order form to your authorized Panduit distributor for order placement or contact Panduit customer service
for assistance.
Available Character Sizes:
1/8"
(3.18mm)
For high character volume tags
3/16"
(4.77mm)
The most common size
1/4"
(6.35mm)
Larger font for greater visibility
5/16"
(7.94mm)
Maximum visibility for tags requiring
only a few characters



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com