Electronic Components Datasheet Search
  English  ▼

X  

2N877 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 2N877
Description  SCR, V(DRM) < 50 V
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

2N877 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  2N877 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2N877

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N877 BOCA-2N877 Datasheet
31Kb / 1P
SCRs (Silicon Controlled Rectifiers)
logo
Central Semiconductor C...
2N877 CENTRAL-2N877 Datasheet
22Kb / 1P
0.8 to 110 Amperes RMS 15 to 1200 Volts
logo
Digitron Semiconductors
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
2N877 NJSEMI-2N877 Datasheet
44Kb / 1P
Silicon Controlled Rectifiers
More results

Similar Description - 2N877

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
150C15B NJSEMI-150C15B Datasheet
112Kb / 1P
SCR, (DRM) = 100 V TO 199.9 V
2N1604 NJSEMI-2N1604 Datasheet
112Kb / 1P
SCR, V (DRM) = 400 V TO 499.9 V
2N1772 NJSEMI-2N1772 Datasheet
90Kb / 1P
SCR, V (DRM) = 100V TO 199.9 V
2N1774 NJSEMI-2N1774 Datasheet
111Kb / 1P
SCR, V (DRM) = 200V TO 299.9 V
2N1871A NJSEMI-2N1871A Datasheet
105Kb / 1P
SCR, V (DRM) = 50 V TO 99.9 V
2N3005 NJSEMI-2N3005 Datasheet
88Kb / 1P
SCR, V(DRM) < 50 V
2N2329 NJSEMI-2N2329 Datasheet
93Kb / 1P
SCR, V(DRM) = 400 V TO 499.9 V
2N2324 NJSEMI-2N2324 Datasheet
85Kb / 1P
SCR, V(DRM) = 100 V TO 199.9 V
2N2013 NJSEMI-2N2013 Datasheet
80Kb / 1P
SCR, V(DRM) = 300 V TO 399.9 V
2N4145 NJSEMI-2N4145 Datasheet
101Kb / 1P
SCR, V(DRM) < 50V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com